Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W108 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M36W108
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M36W108 Datasheet HTML 26Page - STMicroelectronics M36W108 Datasheet HTML 27Page - STMicroelectronics M36W108 Datasheet HTML 28Page - STMicroelectronics M36W108 Datasheet HTML 29Page - STMicroelectronics M36W108 Datasheet HTML 30Page - STMicroelectronics M36W108 Datasheet HTML 31Page - STMicroelectronics M36W108 Datasheet HTML 32Page - STMicroelectronics M36W108 Datasheet HTML 33Page - STMicroelectronics M36W108 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
M36W108T, M36W108B
30/35
Table 23. SRAM Low VCC Data Retention Characteristics
(1, 2)
(TA = 0 to 70 °C; VCCS = 2.7 V to 3.6 V)
Note: 1. All other Inputs VIH
≤ VCC – 0.2V or VIL ≤ 0.2V.
2. Sampled only. Not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ICCDR
Supply Current (Data Retention)
VCCS = 3V, E1S ≥ VCCS – 0.2V,
E2S
≥ VCCS – 0.2V or E2S ≤ 0.2V, f = 0
20
µA
VDR
Supply Voltage (Data Retention)
E1S
≥ VCCS – 0.2V,E2S ≤ 0.2V, f = 0
23.6
V
tCDR
Chip Disable to Power Down
E1S
≥ VCCS – 0.2V,E2S ≤ 0.2V, f = 0
0ns
tR
Operation Recovery Time
5
ms
Figure 20. SRAM Low VCC Data Retention AC Waveforms, E1S Controlled
AI02438
2.7 V
E1S
tCDR
E1S
≥ VCCS – 0.2V
2.2 V
VDR
VSS
VCCS
tR
DATA RETENTION MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com