Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3006SCA6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3006SCA6
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3006SCA6 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3006SCA6 Datasheet HTML 1Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 2Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 3Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 4Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 5Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 6Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 7Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMN3006SCA6
Document number: DS41380 Rev. 3 - 2
1 of 8
www.diodes.com
July 2020
© Diodes Incorporated
DMN3006SCA6
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVSSS
RSS(ON) Typ
IS Max
TA = +25°C
30V
4.8
mΩ @ VGS = 8V
13.0A
6.3
mΩ @ VGS = 4.5V
11.5A
Description
This new generation MOSFET is designed to minimize on-state
resistance (RSS(ON)) yet maintain superior switching performance,
making it ideal for high-efficiency power management applications.
Applications
•
Battery Management
•
Load Switch
•
Battery Protection
Features
•
CSP with Footprint 3.5mm × 1.9mm
•
Height = 0.11mm for Low Profile
•
ESD Protection of Gate
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen- and Antimony-Free. “Green” Device (Note 3)
Mechanical Data
•
Case: X4-DSN3519-6
•
Terminal Connections: See Diagram Below
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish — NiPdAu or NiAu. Solderable per MIL-STD-
202, Method 208
•
Weight: 0.0012 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN3006SCA6-7
X4-DSN3519-6
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2020
2021
2022
2023
2024
2025
2026
2027
2028
Code
H
I
J
K
L
M
N
O
P
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e4
X4-DSN3519-6
1. Gate 1
Top View
2. Source 1
3. Drain
4. Drain
5. Source 2
6. Gate 2
ME = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: H = 2020)
M or M = Month (ex: 9 = September)
Equivalent Circuit
ESD PROTECTED


Similar Part No. - DMN3006SCA6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3005LK3 DIODES-DMN3005LK3 Datasheet
214Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS33318 Rev. 2 - 2
DMN3005LK3-13 DIODES-DMN3005LK3-13 Datasheet
214Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS33318 Rev. 2 - 2
DMN3007LSS DIODES-DMN3007LSS Datasheet
157Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31460 Rev. 5 - 2
DMN3007LSS-13 DIODES-DMN3007LSS-13 Datasheet
157Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31460 Rev. 5 - 2
DMN3007LSS DIODES-DMN3007LSS_15 Datasheet
157Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results

Similar Description - DMN3006SCA6

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com