Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF2001 Datasheet(PDF) 21 Page - Texas Instruments

Part # TRF2001
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF2001 Datasheet HTML 17Page - Texas Instruments TRF2001 Datasheet HTML 18Page - Texas Instruments TRF2001 Datasheet HTML 19Page - Texas Instruments TRF2001 Datasheet HTML 20Page - Texas Instruments TRF2001 Datasheet HTML 21Page - Texas Instruments TRF2001 Datasheet HTML 22Page - Texas Instruments TRF2001 Datasheet HTML 23Page - Texas Instruments TRF2001 Datasheet HTML 24Page - Texas Instruments TRF2001 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
7.3 Power Supply Recommendations
7.4 Layout
7.4.1 Layout Guidelines
Figure 7-5 shows example layout for TRF2001. Only the top signal layer (layer 1) and second ground layer (layer
2) are shown. Use a multilayer board to maintain signal integrity and power integrity.
• Route the RF signals as grounded coplanar waveguide (GCPW) traces.
• Maintain that the ground planes on the top and any internal layers are well stitched with vias, and the second
layer of the PCB has a continuous ground layer without any cutouts in the vicinity of the device.
• Avoid routing clocks and digital control lines near RF signal lines.
• Do not route RF or DC signal lines over noisy power planes.
• Place supply decoupling caps close to the device.
• Use small-footprint, passive components wherever possible.
See the TRF2001 Evaluation Module user's guide for more details on board layout and design. The TRF2001
can be evaluated using EVM boards that can be ordered from the TRF2001 Evaluation Module web page.
7.4.1.1 Thermal Considerations
The TRF2001 is packaged in a WQFN-FCRLF package that has excellent thermal properties. Connect the
thermal pads underneath the device to the thermally dissipative ground plane on the board. For good thermal
design, use thermal vias to connect the thermal pad plane on the top layer of the PCB to the ground planes in
the inner layers.
7.4.2 Layout Example
Place supply decoupling
capacitors as close to the
supply pins as possible
Place ferrite bead in series with the
supply source and prior to the decoupling
capacitors on the supply trace
Pin 1
Follow the device PCB footprint
guideline and leave the metal opening
under the device on the top layer
Top metal layer is signal
layer 1 and poured
copper is ground layer 2
2D View
3D View
Figure 7-5. Layout Example
www.ti.com
TRF2001
SLVSK83 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com