Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF2001 Datasheet(PDF) 12 Page - Texas Instruments

Part # TRF2001
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TRF2001 Datasheet HTML 8Page - Texas Instruments TRF2001 Datasheet HTML 9Page - Texas Instruments TRF2001 Datasheet HTML 10Page - Texas Instruments TRF2001 Datasheet HTML 11Page - Texas Instruments TRF2001 Datasheet HTML 12Page - Texas Instruments TRF2001 Datasheet HTML 13Page - Texas Instruments TRF2001 Datasheet HTML 14Page - Texas Instruments TRF2001 Datasheet HTML 15Page - Texas Instruments TRF2001 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
5.8 Typical Characteristics - Transmit (continued)
at TA = 25℃, VCC_PA = VCC = 3.3V, input = TR, output = ANT, RX_FLT shorted to LNA_IN, TX_FLT shorted to PA_IN, 50Ω
source and load at input and output RF pins, respectively, and de-embedded up to the device pins, frequency and ambient
temperatures shown (unless otherwise noted)
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
12
-6
14
-2
16
2
18
6
20
10
22
14
24
18
26
22
28
26
30
30
GP, VCC_PA = 3.1V
GP, VCC_PA = 3.3V
GP, VCC_PA = 3.6V
PO, VCC_PA = 3.1V
PO, VCC_PA = 3.3V
PO, VCC_PA = 3.6V
f = 928MHz, VCC_PA as shown, VCC = VCC_PA
Figure 5-25. Gain and PO vs PIN Across Supply Voltage
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
12
-6
14
-2
16
2
18
6
20
10
22
14
24
18
26
22
28
26
30
30
GP, −40C
GP, 25C
GP, 85C
PO, −40C
PO, 25C
PO, 85C
f = 928MHz
Figure 5-26. Gain and PO vs PIN Across Temperature
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
0
0
5
50
10
100
15
150
20
200
25
250
30
300
35
350
40
400
45
450
PAE, VCC_PA = 3.1V
PAE, VCC_PA = 3.3V
PAE, VCC_PA = 3.6V
ICC_PA, VCC_PA = 3.1V
ICC_PA, VCC_PA = 3.3V
ICC_PA, VCC_PA = 3.6V
f = 928MHz, VCC = VCC_PA
Figure 5-27. PAE and Supply Current vs PIN Across Supply
Voltage
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
0
0
5
50
10
100
15
150
20
200
25
250
30
300
35
350
40
400
45
450
PAE, −40
C
PAE, 25
C
PAE, 85
C
ICC_PA, −40C
ICC_PA, 25C
ICC_PA, 85C
f = 928MHz
Figure 5-28. PAE and Supply Current vs PIN Across
Temperature
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
0
40
5
80
10
120
15
160
20
200
25
240
30
280
35
320
40
360
45
400
50
440
PAE
PO
ICC_PA
ICC
f = 928MHz
Figure 5-29. PAE, PO, and Supply Current vs PIN
PO (dBm)
10
12
14
16
18
20
22
24
26
28
30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
3.6V, −40
C
3.6V, 25
C
3.6V, 85
C
3.1V, −40
C
3.1V, 25
C
3.1V, 85
C
f = 928MHz, VCC_PA as shown, VCC = VCC_PA
Figure 5-30. VDET vs PO Across Supply Voltage and
Temperature
TRF2001
SLVSK83 – APRIL 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com