Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T512V Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48T512V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48T512V Datasheet HTML 10Page - STMicroelectronics M48T512V Datasheet HTML 11Page - STMicroelectronics M48T512V Datasheet HTML 12Page - STMicroelectronics M48T512V Datasheet HTML 13Page - STMicroelectronics M48T512V Datasheet HTML 14Page - STMicroelectronics M48T512V Datasheet HTML 15Page - STMicroelectronics M48T512V Datasheet HTML 16Page - STMicroelectronics M48T512V Datasheet HTML 17Page - STMicroelectronics M48T512V Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
M48T512Y, M48T512V*
14/21
MAXIMUM RATING
Stressing the device above the rating listed in the
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 6. Absolute Maximum Ratings
Note: 1. Soldering temperature not to exceed 260°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
No preheat above 150°C, or direct exposure to IR reflow (or IR preheat) allowed, to avoid damaging the Lithium battery.
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–40 to 85
°C
TSLD
(1)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltages
–0.3 to VCC +0.3
V
VCC
Supply Voltage
M48T512Y
–0.3 to 7.0
V
M48T512V
–0.3 to 4.6
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com