Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T512V Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T512V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512V Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T512V Datasheet HTML 13Page - STMicroelectronics M48T512V Datasheet HTML 14Page - STMicroelectronics M48T512V Datasheet HTML 15Page - STMicroelectronics M48T512V Datasheet HTML 16Page - STMicroelectronics M48T512V Datasheet HTML 17Page - STMicroelectronics M48T512V Datasheet HTML 18Page - STMicroelectronics M48T512V Datasheet HTML 19Page - STMicroelectronics M48T512V Datasheet HTML 20Page - STMicroelectronics M48T512V Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
M48T512Y, M48T512V*
Figure 12. Power Down/Up Mode AC Waveforms
Table 10. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Table 11. Power Down/Up Trip Points DC Characteristics
Note: 1. All voltages referenced to VSS.
2. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
3. At 25°C, VCC = 0V.
Symbol
Parameter(1)
Min
Max
Unit
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
M48T512Y
10
µs
M48T512V
150
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
tREC
E Recovery Time
40
200
ms
Symbol
Parameter(1,2)
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48T512Y
4.2
4.35
4.5
V
M48T512V
2.7
2.9
3.0
V
VSO
Battery Back-up Switchover Voltage
M48T512Y
3.0
V
M48T512V
VPFD –100mV
V
tDR
(3)
Expected Data Retention Time
10
YEARS
AI02385
VCC
INPUTS
OUTPUTS
DON'T CARE
HIGH-Z
tFB
tR
tRB
VALID
VALID
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
tREC
tF
tDR
(Including E)
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com