Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF15NM65N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF15NM65N
Description  N-channel 650V - 0.25Ω - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15NM65N Datasheet(HTML) 1 Page - STMicroelectronics

  STF15NM65N Datasheet HTML 1Page - STMicroelectronics STF15NM65N Datasheet HTML 2Page - STMicroelectronics STF15NM65N Datasheet HTML 3Page - STMicroelectronics STF15NM65N Datasheet HTML 4Page - STMicroelectronics STF15NM65N Datasheet HTML 5Page - STMicroelectronics STF15NM65N Datasheet HTML 6Page - STMicroelectronics STF15NM65N Datasheet HTML 7Page - STMicroelectronics STF15NM65N Datasheet HTML 8Page - STMicroelectronics STF15NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2007
Rev 1
1/18
18
STF15NM65N-STI15NM65N-STW15NM65N
STB15NM65N-STP15NM65N
N-channel 650V - 0.25
Ω - 15.5A - TO-220/FP - D2/I2PAK - TO-247
Second generation MDmesh™ Power MOSFET
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
This series of devices implements the second
generation of MDmesh™ Technology. This
revolutionary Power MOSFET associates a new
vertical structure to the Company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on) Max
ID
STB15NM65N
710 V
< 0.27
Ω
15.5 A
STF15NM65N
710 V
< 0.27
Ω
15.5 A(1)
1.
Limited only by maximum temperature allowed
STI15NM65N
710 V
< 0.27
Ω
15.5 A
STP15NM65N
710 V
< 0.27
Ω
15.5 A
STW15NM65N
710 V
< 0.27
Ω
15.5 A
TO-220
TO-220FP
I²PAK
1
2
3
1
2
3
1
2
3
1
3
D²PAK
1
2
3
TO-247
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STI15NM65N
15NM65N
I²PAK
Tube
STF15NM65N
15NM65N
TO-220FP
Tube
STP15NM65N
15NM65N
TO-220
Tube
STB15NM65NT4
15NM65N
D²PAK
Tape & reel
STW15NM65N
15NM65N
TO-247
Tube
www.st.com


Similar Part No. - STF15NM65N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF15NM65N ISC-STF15NM65N Datasheet
311Kb / 2P
Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
923Kb / 15P
N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFETs in TO-220FP and I²PAKFP packages
25-Jul-2016
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFETs in TO-220FP and I²PAKFP packages
25-Jul-2016
More results

Similar Description - STF15NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP25NM60N STMICROELECTRONICS-STP25NM60N Datasheet
273Kb / 12P
N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
08-Jun-2005
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
14-Oct-2005
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
26-Oct-2005
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
23-Apr-2007
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
N-channel 600V - 0.140Ω - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
03-May-2007
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
N-channel 500V - 0.15Ω - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STF19NM65N STMICROELECTRONICS-STF19NM65N Datasheet
532Kb / 19P
N-channel 650 V - 0.25 Ω - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh??Power MOSFET
14-Feb-2008
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
04-Feb-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com