Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR9809-F/T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ITR9809-F/T
Description  Opto Interrupter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR9809-F/T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ITR9809-F/T Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 4 of 7
Device No:CDRX-980-003
Prepared date:2006/12/28
Prepared by:Kunjiang Xie
ITR9809-F/T
█ Typical Electrical/Optical/Characteristics Curves for IR
25
1000
100
-40
1
10
60
0
20
40
80
100
120
140
50
75
100
120
2
10
10
01
10
10
3
10
4
0.8
0.7
0.4
0.6
0.2
1.0
0.9
-20
-10
40
-20
20
080
60
100
40
0
20
100
60
80
60
0.6
0.4
00.2
80
70
10
020
50
40
30
IF=20mA
Ta=25°C
1
25
50
1.3
1.2
1.1
120
100
75



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com