Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR9809-F/T Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ITR9809-F/T
Description  Opto Interrupter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR9809-F/T Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ITR9809-F/T Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR9809-F/T Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 6 of 7
Device No:CDRX-980-003
Prepared date:2006/12/28
Prepared by:Kunjiang Xie
ITR9809-F/T
█ Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test Condition
Test
Hours/
Cycle
Sample
Size
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
10 sec
22 PCs
0/1
2
Temperature Cycle
H : +100℃
15 mins
5 min
L : -40℃
15 min
300
cycle
22 PCs
IR≧U×2
Ee≦L×0.8
VF≧U×1.2
0/1
3
Thermal Shock
H : +100℃
5 min
10 sec
L : -10℃
5 min
300
cycle
22 PCs
U :Upper
specification
limit
L :Lower
specification
limit
0/1
4
High Temperature
Storage
TEMP. : +100℃
1000
hrs
22 PCs
0/1
5
Low Temperature
Storage
TEMP. : -40℃
1000
hrs
22 PCs
0/1
6
DC Operating Life
VCE=5V
IF=20mA
1000
hrs
22 PCs
0/1
7
High Temperature /
High Humidity
85℃ / 85% R.H.
1000
hrs
22 PCs
0/1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com