Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CSS200933R0012 Datasheet(PDF) 1 Page - ABB

Part # 2CSS200933R0012
Description  F204 B-40/0.3 Residual Current Circuit Breaker 4P B type 300 mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200933R0012 Datasheet(HTML) 1 Page - ABB

  2CSS200933R0012 Datasheet HTML 1Page - ABB 2CSS200933R0012 Datasheet HTML 2Page - ABB 2CSS200933R0012 Datasheet HTML 3Page - ABB 2CSS200933R0012 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
F204 B-40/0.3 Residual Current Circuit Breaker
4P B type 300 mA
F204 B-40/0.3
Extended Product Type
F204 B-40/0.3
Product ID
2CSF204568R3400
EAN
8012542342359
Catalog Description
F204 B-40/0.3 Residual Current Circuit Breaker 4P B type 300 mA
Long Description
The RCCBs F200 series assures protection to people and installations against fault current
to earth. This product is manufactured according to international IEC standards, for the
markets where it is required.
General Information
PRODUCT-DETAILS
Circular Value
Design for Closing Resource Loops - Standard EN45555 - 51,4 %
Circular Design Principles
Recyclability Rate
0 %
Sustainable Material
Content
9AKK108468A4363
End of Life Instructions
Eco Transparency
9AKK108467A3700
Environmental Product
Declaration - EPD
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/08


Similar Part No. - 2CSS200933R0012

ManufacturerPart #DatasheetDescription
logo
ABB
2CSS200933R0012 ABB-2CSS200933R0012 Datasheet
165Kb / 4P
F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
2023/08/08
More results

Similar Description - 2CSS200933R0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393250-1 MACOM-2-1393250-1 Datasheet
534Kb / 2P
Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-2 MACOM-2-1393250-2 Datasheet
534Kb / 2P
Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-3 MACOM-2-1393250-3 Datasheet
534Kb / 2P
Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-7 MACOM-2-1393250-7 Datasheet
534Kb / 2P
Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-9 MACOM-2-1393250-9 Datasheet
534Kb / 2P
Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
W28-X1024-3.20 MACOM-W28-X1024-3.20 Datasheet
534Kb / 2P
Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
logo
PHOENIX CONTACT
2806210 PHOENIX-2806210 Datasheet
71Kb / 5P
Residual current detection characteristics type B (DC up to 100 kHz)
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com