Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CSS200933R0012 Datasheet (PDF) - ABB

2CSS200933R0012 Datasheet PDF - ABB
Part # 2CSS200933R0012
Download  2CSS200933R0012 Download
File Size   165.9 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA

2CSS200933R0012 Datasheet (PDF)

Go To PDF Page Download Datasheet
2CSS200933R0012 Datasheet PDF - ABB

Part # 2CSS200933R0012
Download  2CSS200933R0012 Click to download

File Size   165.9 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA

2CSS200933R0012 Datasheet (HTML) - ABB


2CSS200933R0012 Product details

Extended Product Type F204 A-100/0.03 110V
Product ID 2CSF204199R1100
EAN 8012542079132
Catalog Description F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
Long Description
The RCCBs F200 series assures protection against the effects of sinusoidal alternating and
direct pulsating earth fault currents, protection, against indirects contacts and additional
protection against direct (with sensitivity = 30 mA) contacts. Applications: residential,
commercial, industrial. This particular serias has the minimum operating voltage of test
buttom 0f 110V and it is suitable for application at 230V.
General Information




Similar Part No. - 2CSS200933R0012

ManufacturerPart #DatasheetDescription
logo
ABB
2CSS200933R0012 ABB-2CSS200933R0012 Datasheet
147Kb / 4P
F204 B-40/0.3 Residual Current Circuit Breaker 4P B type 300 mA
2023/08/08
More results


Similar Description - 2CSS200933R0012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2LD ETC2-KA2LD Datasheet
405Kb / 8P
Residual current devices
logo
Kersemi Electronic Co.,...
AC03DSMA KERSEMI-AC03DSMA Datasheet
1Mb / 5P
30 A surge current
logo
PHOENIX CONTACT
2806210 PHOENIX-2806210 Datasheet
71Kb / 5P
Residual current detection characteristics type B (DC up to 100 kHz)
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Kemet Corporation
FG-R05-3A KEMET-FG-R05-3A Datasheet
851Kb / 11P
Residual current sensor
logo
Schneider Electric
56270 SCHNEIDER-56270 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 12/24 VAC 50/60 Hz, 12/48 VDC, front panel mounting
Dec 10, 2020
56273 SCHNEIDER-56273 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 220/240 VAC 50/60 Hz, front panel mounting
Dec 10, 2020
logo
Weidmuller
2656270000 WEIDMULLER-2656270000 Datasheet
139Kb / 2P
Residual current transformer (RCM), Primary current: 18 A
November 4, 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com