Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CSS200933R0012 Datasheet(PDF) 1 Page - ABB

Part # 2CSS200933R0012
Description  F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200933R0012 Datasheet(HTML) 1 Page - ABB

  2CSS200933R0012 Datasheet HTML 1Page - ABB 2CSS200933R0012 Datasheet HTML 2Page - ABB 2CSS200933R0012 Datasheet HTML 3Page - ABB 2CSS200933R0012 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
F204 A-100/0.03 110V Residual Current Circuit
Breaker 4P A type 30 mA
F204 A-100/0.03 110V
Extended Product Type
F204 A-100/0.03 110V
Product ID
2CSF204199R1100
EAN
8012542079132
Catalog Description
F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
Long Description
The RCCBs F200 series assures protection against the effects of sinusoidal alternating and
direct pulsating earth fault currents, protection, against indirects contacts and additional
protection against direct (with sensitivity = 30 mA) contacts. Applications: residential,
commercial, industrial. This particular serias has the minimum operating voltage of test
buttom 0f 110V and it is suitable for application at 230V.
General Information
PRODUCT-DETAILS
Circular Value
Design for Closing Resource Loops - Standard EN45555 - 52,5 %
Circular Design Principles
Recyclability Rate
0 %
Sustainable Material
Content
9AKK108468A4361
End of Life Instructions
Eco Transparency
9AKK108467A3700
Environmental Product
Declaration - EPD
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/08


Similar Part No. - 2CSS200933R0012

ManufacturerPart #DatasheetDescription
logo
ABB
2CSS200933R0012 ABB-2CSS200933R0012 Datasheet
147Kb / 4P
F204 B-40/0.3 Residual Current Circuit Breaker 4P B type 300 mA
2023/08/08
More results

Similar Description - 2CSS200933R0012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2LD ETC2-KA2LD Datasheet
405Kb / 8P
Residual current devices
logo
Kersemi Electronic Co.,...
AC03DSMA KERSEMI-AC03DSMA Datasheet
1Mb / 5P
30 A surge current
logo
PHOENIX CONTACT
2806210 PHOENIX-2806210 Datasheet
71Kb / 5P
Residual current detection characteristics type B (DC up to 100 kHz)
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Kemet Corporation
FG-R05-3A KEMET-FG-R05-3A Datasheet
851Kb / 11P
Residual current sensor
logo
Schneider Electric
56270 SCHNEIDER-56270 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 12/24 VAC 50/60 Hz, 12/48 VDC, front panel mounting
Dec 10, 2020
56273 SCHNEIDER-56273 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 220/240 VAC 50/60 Hz, front panel mounting
Dec 10, 2020
logo
Weidmuller
2656270000 WEIDMULLER-2656270000 Datasheet
139Kb / 2P
Residual current transformer (RCM), Primary current: 18 A
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com