Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CSS200933R0012 Datasheet(PDF) 4 Page - ABB

Part # 2CSS200933R0012
Description  F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200933R0012 Datasheet(HTML) 4 Page - ABB

  2CSS200933R0012 Datasheet HTML 1Page - ABB 2CSS200933R0012 Datasheet HTML 2Page - ABB 2CSS200933R0012 Datasheet HTML 3Page - ABB 2CSS200933R0012 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Voltage Products and Systems → Modular DIN Rail Products → Residual Current Devices RCDs → Residual Current Devices RCDs
Categories
Accessories
Identifier
Description
Type Quantity
Unit Of
Measure
2CDS200912R0001
S2C-H6R Auxiliary Contact
S2C-H6R
2
piece
2CDS200922R0001
S2C-S/H6R Signal / Auxiliary Contact
S2C-S/H6R
2
piece
2CDS200946R0001
S2C-H6-11R Auxiliary Contact
S2C-H6-11R
1
piece
2CDS200946R0003
S2C-H6-02R Auxiliary Contact
S2C-H6-02R
1
piece
2CDS200946R0002
S2C-H6-20R Auxiliary Contact
S2C-H6-20R
1
piece
2CSS200933R0011
F2C-A1 Shunt trip
F2C-A1
1
piece
2CSS200933R0012
F2C-A2 Shunt trip
F2C-A2
1
piece
2CSS200911R0005
S2C-UA 230 AC Undervoltage release
S2C-UA 230
AC
1
piece
2CSS200911R0007
S2C-UA 24 DC Undervoltage release S2C-UA 24 DC
1
piece
2CSS200911R0002
S2C-UA 24 AC Undervoltage release S2C-UA 24 AC
1
piece
2CSS200911R0008
S2C-UA 48 DC Undervoltage release S2C-UA 48 DC
1
piece
2CSS200911R0004
S2C-UA 110 AC Undervoltage release
S2C-UA 110
AC
1
piece
2CSS200911R0006
S2C-UA 400 AC Undervoltage release
S2C-UA 400
AC
1
piece
2CSS200911R0001
S2C-UA 12 DC Undervoltage release S2C-UA 12 DC
1
piece
2CSS200911R0010
S2C-UA 230 DC Undervoltage release
S2C-UA 230
DC
1
piece
2CSS200911R0009
S2C-UA 110 DC Undervoltage release
S2C-UA 110
DC
1
piece
2CSS200911R0003
S2C-UA 48 AC Undervoltage release S2C-UA 48 AC
1
piece
2CSS200910R0005
S2C-OVP1 Overvoltage release
S2C-OVP1
1
piece
2CSS200993R0005
S2C-OVP2 Overvoltage release
S2C-OVP2
1
piece
2CSF200997R0013
F2C-CM Motor operating device
F2C-CM
1
piece
2CSF200996R0013
F2C-ARI Auto-reclosing unit
F2C-ARI
1
piece
4
F204 A-100/0.03 110V
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com