Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z512A Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z512A
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z512A Datasheet HTML 3Page - STMicroelectronics M48Z512A Datasheet HTML 4Page - STMicroelectronics M48Z512A Datasheet HTML 5Page - STMicroelectronics M48Z512A Datasheet HTML 6Page - STMicroelectronics M48Z512A Datasheet HTML 7Page - STMicroelectronics M48Z512A Datasheet HTML 8Page - STMicroelectronics M48Z512A Datasheet HTML 9Page - STMicroelectronics M48Z512A Datasheet HTML 10Page - STMicroelectronics M48Z512A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
M48Z512A, M48Z512AY
Figure 7. Address Controlled, Read Mode AC Waveforms
Note:
Chip Enable (E) and Output Enable (G) = Low, Write Enable (W) = High.
AI01220
tAXQX
DATA VALID
A0-A18
DQ0-DQ7
tAVAV
tAVQV
Table 9. Read Mode AC Characteristics
(TA = 0 to 70 °C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
Note: 1. CL = 100pF.
2. CL = 5pF.
Symbol
Parameter
M48Z512A/M48Z512AY
Unit
-70
-85
Min
Max
Min
Max
tAVAV
Read Cycle Time
70
85
ns
tAVQV
(1)
Address Valid to Output Valid
70
85
ns
tELQV
(1)
Chip Enable Low to Output Valid
70
85
ns
tGLQV
(1)
Output Enable Low to Output Valid
35
45
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
30
35
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
20
25
ns
tAXQX
(1)
Address Transition to Output Transition
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com