Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z512A Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z512A
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512A Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z512A Datasheet HTML 1Page - STMicroelectronics M48Z512A Datasheet HTML 2Page - STMicroelectronics M48Z512A Datasheet HTML 3Page - STMicroelectronics M48Z512A Datasheet HTML 4Page - STMicroelectronics M48Z512A Datasheet HTML 5Page - STMicroelectronics M48Z512A Datasheet HTML 6Page - STMicroelectronics M48Z512A Datasheet HTML 7Page - STMicroelectronics M48Z512A Datasheet HTML 8Page - STMicroelectronics M48Z512A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
M48Z512A, M48Z512AY
Table 5. Capacitance (1, 2)
(TA =25 °C, f = 1MHz)
Note: 1. Effective capacitance measured with power supply at 5V.
2. Sampled only, not 100% tested.
3. Outputs deselected.
Table 6. DC Characteristics
(TA = 0 to 70 °C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
Note: 1. Outputs deselected.
Table 7. Power Down/Up Trip Points DC Characteristics (1)
(TA = 0 to 70 °C)
Note: 1. All voltages referenced to VSS.
2. At 25
°C.
Symbol
Parameter
Test Condit ion
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
10
pF
CIO
(3)
Input / Output Capacitance
VOUT =0V
10
pF
Symbol
Parameter
Test Conditio n
Min
Max
Unit
ILI
(1)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(1)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC
Supply Current
E = VIL, Outputs open
115
mA
ICC1
Supply Current (Standby) TTL
E=VIH
10
mA
ICC2
Supply Current (Standby) CMOS
E
≥ VCC – 0.2V
5mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
V
Symbol
Parameter
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48Z512A
4.5
4.6
4.75
V
M48Z512AY
4.2
4.3
4.5
V
VSO
Battery Back-up Switchover Voltage
3
V
tDR
(2)
Data Retention Time
10
YEARS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com