Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF0020DRPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TMF0020DRPR
Description  TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0020DRPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMF0020DRPR Datasheet HTML 3Page - Texas Instruments TMF0020DRPR Datasheet HTML 4Page - Texas Instruments TMF0020DRPR Datasheet HTML 5Page - Texas Instruments TMF0020DRPR Datasheet HTML 6Page - Texas Instruments TMF0020DRPR Datasheet HTML 7Page - Texas Instruments TMF0020DRPR Datasheet HTML 8Page - Texas Instruments TMF0020DRPR Datasheet HTML 9Page - Texas Instruments TMF0020DRPR Datasheet HTML 10Page - Texas Instruments TMF0020DRPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
(8)
Refers to the minimum time after which the recognition of negative edge is possible after VTH has been reached on the preceding
rising edge.
(9)
Data retention time is degraded as TA increases. Long-term storage at elevated temperatures is not recommended.
5.7 Functional Tests
Over operating free-air temperature range and VPUP = 3.3V and 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Multi- target bus
Any TMF0020 must be able to communicate in a network where
there are multiple target devices. An example configuration of 3
target devices (including the DUT) is shown in Figure 6-6.(1)
0
Multi-target
bus Fails
(1)
See Test Procedures for Functional Tests.
5.8 Typical Characteristics
Te mperature (°C)
-10
0
10
20
30
40
50
60
70
80
1E-6
2E-6
3E-6
4E-6
5E-6
6E-6
7E-6
8E-6
VPUP = 3.3V
VPUP = 5V
Figure 5-1. Input Load Current (IL) vs Temperature (Standard
Speed)
Te mperature (°C)
-10
0
10
20
30
40
50
60
70
80
1E-6
2E-6
3E-6
4E-6
5E-6
6E-6
7E-6
8E-6
VPUP = 5V
Figure 5-2. Input Load Current (IL) vs Temperature (Overdrive
Speed)
www.ti.com
TMF0020
SLVSJQ4 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMF0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com