Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045CT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBR2045CT
Description  SWITCHMODE Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2045CT Datasheet(HTML) 5 Page - ON Semiconductor

  MBR2045CT Datasheet HTML 1Page - ON Semiconductor MBR2045CT Datasheet HTML 2Page - ON Semiconductor MBR2045CT Datasheet HTML 3Page - ON Semiconductor MBR2045CT Datasheet HTML 4Page - ON Semiconductor MBR2045CT Datasheet HTML 5Page - ON Semiconductor MBR2045CT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBR2045CT
http://onsemi.com
5
0.01
0.1
1.0
10
100
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.5
0.3
0.2
1.0
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
DTJL = Ppk • RqJL [D + (1 − D) • r(t1 + tp) + r(tp) − r(t1)] where:
DTJL = the increase in junction temperature above the lead temperature.
r(t) = normalized value of transient thermal resistance at time, t, i.e.:
r(t1 + tp) = normalized value of transient thermal resistance at time,
t1 + tp, etc.
1000
Figure 9. Thermal Response
0.07
0.7
HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of
majority carrier conduction, it is not subject to junction
diode forward and reverse recovery transients due to minor-
ity carrier injection and stored charge. Satisfactory circuit
analysis work may be performed by using a model consist-
ing of an ideal diode in parallel with a variable capacitance.
(See Figure 10.)
Rectification efficiency measurements show that opera-
tion will be satisfactory up to several megahertz. For exam-
ple, relative waveform rectification efficiency is approxi-
mately 70 percent at 2.0 MHz, e.g., the ratio of dc power to
RMS power in the load is 0.28 at this frequency, whereas
perfect rectification would yield 0.406 for sine wave inputs.
However, in contrast to ordinary junction diodes, the loss in
waveform efficiency is not indicative of power loss; it is
simply a result of reverse current flow through the diode ca-
pacitance, which lowers the dc output voltage.
2.0 ms
1.0 kHz
12 V
100
VCC
12 Vdc
2N2222
CURRENT
AMPLITUDE
ADJUST
0−10 AMPS
100
CARBON
2N6277
1.0 CARBON
1N5817
D.U.T.
2.0 kW
+150 V, 10 mAdc
4.0 mF
+
VR, REVERSE VOLTAGE (VOLTS)
1000
500
300
0
050
700
Figure 10. Typical Capacitance
10
20
30
200
40
Figure 11. Test Circuit for dv/dt and Reverse Surge Current
TJ = 25°C
f = 1 MHz
100
600
400
800
900



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com