Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR2045CT
Description  SWITCHMODE Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2045CT Datasheet(HTML) 1 Page - ON Semiconductor

  MBR2045CT Datasheet HTML 1Page - ON Semiconductor MBR2045CT Datasheet HTML 2Page - ON Semiconductor MBR2045CT Datasheet HTML 3Page - ON Semiconductor MBR2045CT Datasheet HTML 4Page - ON Semiconductor MBR2045CT Datasheet HTML 5Page - ON Semiconductor MBR2045CT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
April, 2007 − Rev. 6
1
Publication Order Number:
MBR2045CT/D
MBR2045CT
SWITCHMODEt
Power Rectifier
Features and Benefits
• Low Forward Voltage
• Low Power Loss / High Efficiency
• High Surge Capacity
• 175°C Operating Junction Temperature
• 20 A Total (10 A Per Diode Leg)
• Pb−Free Package is Available*
Applications
• Power Supply − Output Rectification
• Power Management
• Instrumentation
Mechanical Characteristics
• Case: Epoxy, Molded
• Epoxy Meets UL 94, V−0 @ 0.125 in
• Weight: 1.9 Grams (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• ESD Rating:
Human Body Model = 3B
Machine Model = C
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
SCHOTTKY BARRIER
RECTIFIER
20 AMPERES, 45 VOLTS
1
3
2, 4
Device
Package
Shipping
ORDERING INFORMATION
MBR2045CT
TO−220
50 Units / Rail
MBR2045CTG
TO−220
(Pb−Free)
50 Units / Rail
TO−220AB
CASE 221A
STYLE 6
3
4
1
2
MARKING
DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
MBR2045CT = Device Code
G
= Pb−Free Package
AKA
= Diode Polarity
AYWW
MBR2045CTG
AKA


Similar Part No. - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2045CT DIODES-MBR2045CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2045CT GE-MBR2045CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2045CT MCC-MBR2045CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2045CT FAIRCHILD-MBR2045CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results

Similar Description - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com