Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM431S Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # NJM431S
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM431S Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  NJM431S Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJM431S Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Datasheet
NJM431S/NJM432S
ADJUSTABLE PRECISION SHUNT REGULATOR
- 1 -
Ver.1.0
FEATURES
GENERAL DESCRIPTION
Operating Voltage
VREF to 36V
Precision Voltage Reference
2.495±1.8%
Adjustable Output Voltage
Bipolar Technology
Package Outline
NJM431SU / NJM432SU
SOT-89-3
NJM431SF / NJM432SF
SOT-23-5
The NJM431S/NJM432S are adjustable precision
shunt regulators.
The output voltage may be set to any value
between VREF
(about 2.5V) and 36V by two resistors.
Compared to the conventional 431, the
NJM431S/NJM432S are improved the voltage
accuracy. And they have smaller package
option to support a wide range of applications.
The NJM432S is the pin assignment
option.
BLOCK DIAGRAM / SYMBOL
PIN CONFIGURATION
* Pin2isattachedtoSubstrateandmust be
connected to ANODE or left open.
+
-
CATHODE
ANODE
REFERENCE
VREF
CATHODE
ANODE
REFERENCE
1.N.C.
2.ANODE*
3.CATHODE
4.REFERENCE
5.ANODE
NJM431SF
1
2
3
1.REFERENCE
2.ANODE
3.CATHODE
NJM431SU
1.N.C.
2.ANODE
3.N.C.
4.CATHODE
5.REFERENCE
NJM432SF
1
2
3
1.CATHODE
2.ANODE
3.REFERENCE
NJM432SU
NJM431SU
NJM432SU
(SOT-89-3)
NJM431SF
NJM432SF
(SOT-23-5)


Similar Part No. - NJM431S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431S NJRC-NJM431S Datasheet
136Kb / 6P
ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - NJM431S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com