Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53124 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53124 Datasheet HTML 9Page - Texas Instruments TPS53124 Datasheet HTML 10Page - Texas Instruments TPS53124 Datasheet HTML 11Page - Texas Instruments TPS53124 Datasheet HTML 12Page - Texas Instruments TPS53124 Datasheet HTML 13Page - Texas Instruments TPS53124 Datasheet HTML 14Page - Texas Instruments TPS53124 Datasheet HTML 15Page - Texas Instruments TPS53124 Datasheet HTML 16Page - Texas Instruments TPS53124 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
1.8-V LOAD TRANSIENT RESPONSE
t - Time - 20 ms/div
V
OUT2
(100 mV/div)
I
OUT2
(2 A/div)
1.725
1.750
1.775
1.800
1.875
1.8-V OUTPUT VOLTAGE
vs
INPUT VOLTAGE
1.825
1.850
0
5
25
V
IN
- Input Voltage - V
15
20
10
I
O
= 0 A
I
O
= 2 A
1.05-V LOAD TRANSIENT RESPONSE
t - Time - 20 ms/div
V
OUT1
(100 mV/div)
I
OUT1
(2 A/div)
TPS53124
www.ti.com ..................................................................................................................................................... SLUS825B – FEBRUARY 2008 – REVISED MAY 2008
Typical Characteristics (continued)
Figure 9.
Figure 10.
Figure 11.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS53124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com