Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53124 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124 Datasheet(HTML) 3 Page - Texas Instruments

  TPS53124 Datasheet HTML 1Page - Texas Instruments TPS53124 Datasheet HTML 2Page - Texas Instruments TPS53124 Datasheet HTML 3Page - Texas Instruments TPS53124 Datasheet HTML 4Page - Texas Instruments TPS53124 Datasheet HTML 5Page - Texas Instruments TPS53124 Datasheet HTML 6Page - Texas Instruments TPS53124 Datasheet HTML 7Page - Texas Instruments TPS53124 Datasheet HTML 8Page - Texas Instruments TPS53124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS53124
www.ti.com ..................................................................................................................................................... SLUS825B – FEBRUARY 2008 – REVISED MAY 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
VALUE
UNIT
VIN,EN1,EN2
-0.3 to 26
VBST1,VBST2
-0.3 to 32
Input Voltage Range
V
VBST1,VBST2(wrt LLx)
-0.3 to 6
V5FILT,VFB1,VFB2,TRIP1,TRIP2,VO1,VO2, TEST1,TEST2
-0.3 to 6
DRVH1, DRVH2
-1 to 32
DRVH1, DRVH2 (wrt LLx)
-0.3 to 6
Output Voltage Range
LL1,LL2
-2 to 26
V
DRVL1,DRVL2,VREG5
-0.3 to 6
PGND1, PGND2
-0.3 to 0.3
Operating ambient temperature
-40 to 85
range, TA
°C
Storage Temperature Range, TSTG
-55 to 150
Junction Temperature Range, TJ
-40 to 150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2 oz. trace and copper pad with solder)
DERATING FACTOR ABOVE TA
PACKAGE
TA <25°C POWER RATING
TA = 85°C POWER RATING
= 25
°C
24-pin QFN
2.33 W
23.3 mW/
°C
0.93 W
28-pin TSSOP
0.78 W
7.8 mW/
°C
0.31 W
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN
4.5
24
Supply Input Voltage Range
V
V5FILT
4.5
5.5
VBST1, VBST2
-0.1
30
VBST1, VBST2 (wrt LLx)
-0.1
5.5
Input Voltage Range
VFB1,VFB2,VO1,VO2
-0.1
5.5
V
TRIP1,TRIP2
-0.1
0.3
EN1,EN2
-0.1
24
DRVH1,DRVH2
-0.1
30
VBST1, VBST2 (wrt LLx)
-0.1
5.5
Output Voltage Range
LL1,LL2
1.8
24
V
DRVL1,DRVL2, VREG5
-0.1
5.5
PGND1, PGND2
-0.1
0.1
Operating Free-Air Temperature, TA
-40
85
°C
Operating Junction Temperature, TJ
-40
125
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS53124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com