Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D113 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D113
Description  Control/Communicators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D113 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D113 Datasheet HTML 1Page - List of Unclassifed Manufacturers D113 Datasheet HTML 2Page - List of Unclassifed Manufacturers D113 Datasheet HTML 3Page - List of Unclassifed Manufacturers D113 Datasheet HTML 4Page - List of Unclassifed Manufacturers D113 Datasheet HTML 5Page - List of Unclassifed Manufacturers D113 Datasheet HTML 6Page - List of Unclassifed Manufacturers D113 Datasheet HTML 7Page - List of Unclassifed Manufacturers D113 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D9412G/D7412G
Control/Communicators
Specifications
Control Features
•
Eight programmable areas, each with
perimeter/interior partitioning. Regular, master,
associate, or shared option by area
•
Real-time clock and test timer
•
Up to 1000-event log, including time, date and
event with area, point and user number
•
Battery charging circuit; AC power, voltage and
ground fault supervision
•
Automatic reset circuit protectors
•
On-board CPU watchdog warning buzzer and
diagnostic LEDs
•
Lightning and EMI protection
•
Power limited external circuits
Communicator
•
Built-in digital communicator with phone line
monitor (loop or ground start)
•
Multiple telephone numbers, primary and duplicate
paths with main and alternate destinations
•
All reports within each 4 route groups are
programmable
•
Optional dual phone line switcher monitors 2 phone
lines
•
Automatic test and status reports
•
Time windows for arming and open/close report
suppression
•
Programmable answering machine work-around for
remote programming on shared phone line
Programmable Outputs
•
2-amp alarm power @ 12 VDC
•
1.4-amp aux power @ 12 VDC
•
4 alarm output patterns
•
Automatic bell test
•
Programmable bell shut-off timer
•
D7412G: 67 programmable outputs
•
D9412G: 131 programmable outputs
System Response
•
D7412G: 75 points, 8 on-board, up to 67 off-board
•
D9412G: 246 points, 8 on-board, up to 238 off-
board
•
31 custom point indexes, including fire supervisory
•
Selectable point response time
•
Fire alarm verification
•
Fire inspector’s local test
•
Watch mode
•
Scheduled events (Skeds) arm, disarm, bypass and
unbypass points, control relays, control authority
levels, control door access and more
User Interface
•
Supervises up to 8 command centers (up to 32
non-supervised command centers can be used)
•
Custom command center text
•
D7412G: 4 custom functions
•
D9412G: 16 custom functions
•
Full function command menu including custom
functions
•
D7412G: 99 Users
•
D9412G: 249 Users
•
Each user has authority by area and 16-character
name
•
14 custom authority levels control user’s authority
to change, add, delete passcodes or access control
tokens/cards, disarm, bypass points, initiate system
tests, and more
•
Adjustable brightness/loudness for command
center display/ sounder
•
D7412G: 1 parallel printer
•
D9412G: 3 parallel printers
Access Control
•
D7412G: 2 access control doors and 396
tokens/cards
•
D9412G: 8 access control doors and 996
tokens/cards
•
Custom door strike, point shunt and auto disarming
response by area
•
Logging options for: Access Granted, No Entry,
Request to Exit and Request to Enter
•
14-panel wide access levels with both manual and
scheduled control


Similar Part No. - D113

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D113 MPD-D113 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
G.M. International
D1130 GMI-D1130 Datasheet
292Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
D1130D GMI-D1130D Datasheet
292Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
D1130S GMI-D1130S Datasheet
292Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
logo
Tyco Electronics
D11315-000 MACOM-D11315-000 Datasheet
364Kb / 10P
5mm Series Metal Oxide Varistors
More results

Similar Description - D113

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
TONE CONTROL/VOLUME CONTROL
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
TONE CONTROL/VOLUME CONTROL
M61500FP RENESAS-M61500FP Datasheet
141Kb / 13P
Tone Control/Volume Control
M61503FP RENESAS-M61503FP Datasheet
157Kb / 14P
Tone Control/Volume Control
logo
TRINAMIC Motion Control...
TMC8670 TRINAMIC-TMC8670 Datasheet
16Mb / 123P
Torque Control (FOC), Velocity Control, Position Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com