Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS344ALH_0804 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS344ALH_0804
Description  MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS344ALH_0804 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS344ALH_0804 Datasheet HTML 1Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 2Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 3Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 4Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 5Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 6Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 7Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 8Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2008
Rev 3
1/19
19
LIS344ALH
MEMS inertial sensor
high performance 3-axis ±2/±6g ultracompact linear accelerometer
Features
■ 2.4 V to 3.6 V single supply operation
■ ±2 g / ±6 g user selectable full-scale
■ Low power consumption
■ Output voltage, offset and sensitivity are
ratiometric to the supply voltage
■ Factory trimmed device sensitivity and offset
■ Embedded self test
■ RoHS/ECOPACK® compliant
■ High shock survivability ( 10000 g )
Description
The LIS344ALH is an ultra compact consumer
low-power three-axis linear accelerometer that
includes a sensing element and an IC interface
able to take the information from the sensing
element and to provide an analog signal to the
external world.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using an ST
proprietary CMOS process with high level of
integration. The dedicated circuit is trimmed to
better match the sensing element characteristics.
The LIS344ALH has a dynamically user
selectable full-scale of ±2 g / ±6 g and it is
capable of measuring accelerations over a
maximum bandwidth of 1.8 kHz for all axes. The
device bandwidth may be reduced by using
external capacitances. The self-test capability
allows the user to check the functioning of the
system.
The LIS344ALH is available in Land Grid Array
package (LGA) manufactured by ST.
It is guaranteed to operate over an extended
temperature range of -40 °C to +85 °C.
The LIS344ALH belongs to a family of products
suitable for a variety of applications:
– Mobile terminals
– Gaming and virtual reality input devices
– Antitheft systems and inertial navigation
– Appliance and robotics.
LGA 16L (4x4x1.5 mm)
Table 1.
Device summary
Order codes
Temp range [
° C]
Package
Packaging
LIS344ALH
-40 to +85
LGA-16L
Tray
LIS344ALHTR
-40 to +85
LGA-16L
Tape and reel
www.st.com


Similar Part No. - LIS344ALH_0804

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS344ALHTR STMICROELECTRONICS-LIS344ALHTR Datasheet
174Kb / 16P
MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
18-Feb-2008
More results

Similar Description - LIS344ALH_0804

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
28-Sep-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
2005-Sep-26
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L02AS5 STMICROELECTRONICS-LIS3L02AS5 Datasheet
153Kb / 14P
MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
01-Dec-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS244ALH STMICROELECTRONICS-LIS244ALH Datasheet
173Kb / 16P
MEMS inertial sensor high performance 2-axis ±2/±6g ultracompact linear accelerometer
19-Feb-2008
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
03-May-2006
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com