Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS344ALH_0804 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LIS344ALH_0804
Description  MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS344ALH_0804 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LIS344ALH_0804 Datasheet HTML 11Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 12Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 13Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 14Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 15Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 16Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 17Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 18Page - STMicroelectronics LIS344ALH_0804 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Typical performance characteristics
LIS344ALH
16/19
5.3
Electrical characteristics at 25 °C
Figure 17.
Current consumption
in normal mode at 3.3 V
Figure 18.
Current consumption
in power-down at 3.3 V
Figure 19.
Noise density at 3.3 V (X, Y axis) Figure 20.
Noise density at 3.3 V (Z axis)
450
500
550
600
650
700
750
800
850
900
0
5
10
15
20
25
30
Current consumption [uA]
−4
−3
−2
−1
0
1
2
3
4
0
5
10
15
20
25
30
35
40
45
Current consumption [uA]
18
20
22
24
26
28
30
32
0
5
10
15
20
25
30
Noise Density [/mug/sqrt(Hz)]
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
Noise Density [/mug/sqrt(Hz)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com