Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML485 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ML485
Description  1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ML485 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ML485 Datasheet HTML 1Page - WJ Communication. Inc. ML485 Datasheet HTML 2Page - WJ Communication. Inc. ML485 Datasheet HTML 3Page - WJ Communication. Inc. ML485 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4 February 2008 Rev 1
ML485
1.6–3.2 GHz High IP3 Mixer with Integrated LO Amp
Typical Downconversion Performance Plots
Performance using the circuitry on the ML485-PCB Evaluation Board
Conversion Loss vs RF Frequency vs IF Frequency
+25°C, LO = 0 dBm, low-side LO
4
6
8
10
12
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
IF = 51MHz
IF = 151MHz
IF = 201MHz
IF = 301MHz
Input IP3 vs RF Frequency vs IF Frequency
+25°C, LO = 0 dBm, low-side LO
28
30
32
34
36
38
40
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
IF = 51MHz
IF = 151MHz
IF = 201MHz
IF = 301MHz
Conversion Loss vs RF Frequency vs Temperature
LO = 0 dBm, IF=51MHz, low-side LO
4
6
8
10
12
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
+25°C
-40°C
+85°C
Conversion Loss vs RF Freq vs Temperature
LO = 0 dBm, IF=201MHz, low-side LO
4
6
8
10
12
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
+25°C
-40°C
+85°C
Conversion Loss vs RF Frequency vs Temperature
LO = 0 dBm, IF=301MHz, low-side LO
4
6
8
10
12
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
+25°C
-40°C
+85°C
Conversion Loss vs RF Frequency vs LO Power
+25°C,IF=51MHz, low-side LO
4
6
8
10
12
1600 1800 2000 2200 2400 2600 2800 3000 3200
RF Frequency (MHz)
LO = 0 dBm
LO = -2 dBm
LO = 4 dBm
Conversion Loss vs RF Freq vs LO Power
+25°C,IF=201MHz, low-side LO
4
6
8
10
12
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
LO = 0 dBm
LO = -2 dBm
LO = 4 dBm
Conversion Loss vs RF Frequency vs LO Power
+25°C,IF=301MHz, low-side LO
4
6
8
10
12
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
LO = 0 dBm
LO = -2 dBm
LO = 4 dBm
0.01uF
ML 485



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com