Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML485 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # ML485
Description  1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ML485 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  ML485 Datasheet HTML 1Page - WJ Communication. Inc. ML485 Datasheet HTML 2Page - WJ Communication. Inc. ML485 Datasheet HTML 3Page - WJ Communication. Inc. ML485 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 4 February 2008 Rev 1
ML485
1.6–3.2 GHz High IP3 Mixer with Integrated LO Amp
Mechanical Information
This package is lead-free/green/RoHS-compliant. The plating material on the leads is
Matte-Tin. It is compatible with both lead-free
(maximum 260 °C reflow temperature) and lead (maximum 245 °C reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be laser marked with a
“M42” product label with an alphanumeric lot
code on the top surface of the package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
Value:
Passes
200V to < 250V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
Value:
Passes
500V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 2 at +260 °C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Pin
Function
Vcc
4
RF
8
IF
5
LO
1
GND
2, 3, 6, 7
GND
Backside Paddle
1
2
3
4
8
7
6
5
RF
IF
GND
LO
GND
GND
Vcc
GND
M42
YXX
LOT CODE
TERMINAL # 1
IDENTIFIER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com