Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCS2277S Datasheet(PDF) 3 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 3 Page - International Rectifier

  IRCS2277S Datasheet HTML 1Page - International Rectifier IRCS2277S Datasheet HTML 2Page - International Rectifier IRCS2277S Datasheet HTML 3Page - International Rectifier IRCS2277S Datasheet HTML 4Page - International Rectifier IRCS2277S Datasheet HTML 5Page - International Rectifier IRCS2277S Datasheet HTML 6Page - International Rectifier IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
3/20
May 5
th, 2005
Parameters
Values
Description, condition
Input Power
VCC
15V typ
Low voltage power supply.
Follow IR2277S data sheet for
supply setting
VSS
ground
Low voltage ground
ICC
25 mA (max)
quiescent VCC current
Control Inputs/Outputs
40 pin connector J1 I/Os
3.3V to 15V compatible
see “Board Connectors” section
on page 4
The IR2277S
The IR2277S is a high voltage current sensor, best suited for AC motor drive applications. An integrated
adaptive filter provides superior ripple rejection on phase current measurement being synchronous with
PWM carrier (SYNC input). A ratiometric analog output is provided by each device to the controller in a
range that can be set through VRH and VRL pins. PWM open collector outputs are also provided for those
controllers which do not use A/D converters for current measurement. Over current detection is also
available via open collector OC pins.
For further technical information see the IR2277S data sheet at http://www.irf.com.
The stacked structure of HVIC demo boards
IRCS2277S demo board is fully compatible with
standard
pin
out
of
IRMD2214xSS
and
IRMD22381Q demo boards.
The HVIC demo boards are structured to work
together on top of an ECONO2 power module or
a PowerPCB.
Important Notice
IRCS2277S demo board is supplied with a tentative Bill of Material suitable for a generic 380V generic 3-
phase motor drive application. The BOM presented on page 12 provides just a suggestion.
It is strongly recommended to customize the demo board to fit the application requirements for the power
level that has been chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com