Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCS2277S Datasheet(PDF) 8 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 8 Page - International Rectifier

Back Button IRCS2277S Datasheet HTML 4Page - International Rectifier IRCS2277S Datasheet HTML 5Page - International Rectifier IRCS2277S Datasheet HTML 6Page - International Rectifier IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier IRCS2277S Datasheet HTML 10Page - International Rectifier IRCS2277S Datasheet HTML 11Page - International Rectifier IRCS2277S Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
8/20
May 5
th, 2005
OPERATING DESCRIPTION
Normal operating mode
The IRCS2277S demo board has to be connected to a board equipped with shunt resistors to be operated
properly.
IRMD22381Q, IRMD2214SS and IRMD22141SS driver boards can be connected with the IRCS2277S
current sensing board through the 40-pin connector J2 and the 3-pin connectors P4, P8 and P12.
J1 reflects J2 connector bringing all the signals to the controller board.
More information is available with gate driver board data sheets.
Pre-charge of the bootstrapped sections
High voltage current sensor sections are supplied by bootstrap topology technique.
It’s recommended to pre-charge the bootstrap supplies before starting to drive the motor with the preferred
driving scheme.
BOARD Customization
This demo board is meant to be flexible for self-customization. Place for many spare components allow to
verify functionality of the current sensors under different external configurations.
This section will go through the possible customizations of the board.
Bootstrap circuit
The high side floating supply (VBS) is provided by a bootstrap capacitor. Figure 4 shows the circuit on board.
Figure 4: Bootstrap circuit
VCC
VSS
VB
VS
Rboot
*
Rboot
**
15V
Dboot
Cboot
*
CVCC
Cboot
**
DC+
Phase
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com