Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP4410ZPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFP4410ZPBF
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP4410ZPBF Datasheet(HTML) 6 Page - International Rectifier

  IRFP4410ZPBF Datasheet HTML 1Page - International Rectifier IRFP4410ZPBF Datasheet HTML 2Page - International Rectifier IRFP4410ZPBF Datasheet HTML 3Page - International Rectifier IRFP4410ZPBF Datasheet HTML 4Page - International Rectifier IRFP4410ZPBF Datasheet HTML 5Page - International Rectifier IRFP4410ZPBF Datasheet HTML 6Page - International Rectifier IRFP4410ZPBF Datasheet HTML 7Page - International Rectifier IRFP4410ZPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFP4410ZPbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25 0
25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 150µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
100
200
300
400
500
600
700
dif/dt (A/µs)
0
50
100
150
200
250
300
350
400
450
I
F
= 58A
V
R
= 85V
T
J
= 25°C _____
T
J
= 125°C
----------
100
200
300
400
500
600
700
dif/dt (A/µs)
0
50
100
150
200
250
300
350
400
I
F
= 39A
V
R
= 85V
T
J
= 25°C _____
T
J
= 125°C ----------
100
200
300
400
500
600
700
dif/dt (A/µs)
0
5
10
15
20
I
F
= 58A
V
R
= 85V
T
J
= 25°C _____
T
J
= 125°C ----------
100
200
300
400
500
600
700
dif/dt (A/µs)
0
5
10
15
20
I
F
= 39A
V
R
= 85V
T
J
= 25°C _____
T
J
= 125°C ----------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com