Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFG31021 Datasheet(PDF) 13 Page - TEKTRONIX, INC

Part # AFG31021
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31021 Datasheet(HTML) 13 Page - TEKTRONIX, INC

Back Button AFG31021 Datasheet HTML 9Page - TEKTRONIX, INC AFG31021 Datasheet HTML 10Page - TEKTRONIX, INC AFG31021 Datasheet HTML 11Page - TEKTRONIX, INC AFG31021 Datasheet HTML 12Page - TEKTRONIX, INC AFG31021 Datasheet HTML 13Page - TEKTRONIX, INC AFG31021 Datasheet HTML 14Page - TEKTRONIX, INC AFG31021 Datasheet HTML 15Page - TEKTRONIX, INC AFG31021 Datasheet HTML 16Page - TEKTRONIX, INC AFG31021 Datasheet HTML 17Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Burst
Waveform
All except Noise, DC
Type
Triggered, gated
Burst count
1 to 1,000,000 cycles or Infinite
Intenal trigger rate
1 μs to 500.0 s
Gate and trigger sources
Internal, external, remote interface
InstaView™
Waveforms
All except noise
Cable (channel output to load) 50 Ω BNC to BNC
Run mode
Continuous in Basic mode
Maximum measurement range
(DC + peak AC voltage)
AFG31021, AFG31022, AFG31051,
AFG31052, AFG31101, AFG31102
AFG31151, AFG31152, AFG31251,
AFG31252
-10 V to 10 V
-5 V to 5 V
DC level measurement
Specification
Characteristic
Accuracy (into 50Ω), typical
± (2 % of |setting| + 20 mVpp)
Resolution
1 mV or 4 digits
Amplitude measurement
Specification
Characteristic
Accuracy (sine, 1 kHz, 1 VP-P,
into 50 Ω, typical)
± (2 % of setting + 20 mV)
Resolution
1 mV or 4 digits
Bandwidth (-3 dB)
500 MHz
Flatness, sine, 1 VP-P, into 50
ohm, relative to 1 kHz, typical
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
0 to 100 MHz: ±1 dB
0 to 200 MHz: ±1 dB
200 MHz to 250 MHz: ±2 dB
Cable propagation delay
measurement, typical
Specification
Characteristic
Range
0 to 20 ns (approximately 4 m/13 feet in length)
Accuracy, typical
± 500 ps
General characteristics - Advanced mode
Waveform memory size
16 Mpts (128 Mpts optional) each channel
Run mode
Standard: Continuous
AFG31000 Series Datasheet
www.tek.com 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com