Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFG31021 Datasheet(PDF) 21 Page - TEKTRONIX, INC

Part # AFG31021
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31021 Datasheet(HTML) 21 Page - TEKTRONIX, INC

Back Button AFG31021 Datasheet HTML 14Page - TEKTRONIX, INC AFG31021 Datasheet HTML 15Page - TEKTRONIX, INC AFG31021 Datasheet HTML 16Page - TEKTRONIX, INC AFG31021 Datasheet HTML 17Page - TEKTRONIX, INC AFG31021 Datasheet HTML 18Page - TEKTRONIX, INC AFG31021 Datasheet HTML 19Page - TEKTRONIX, INC AFG31021 Datasheet HTML 20Page - TEKTRONIX, INC AFG31021 Datasheet HTML 21Page - TEKTRONIX, INC AFG31021 Datasheet HTML 22Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Opt. T5
Five Year Total Protection Plan, includes repair or replacement coverage from wear and tear, accidental
damage, ESD or EOS plus preventative maintenance. Including a 5 day turnaround time and priority access to
customer support
Accessories are not covered by the instrument warranty and Service Offerings.
Accessories
Standard accessories
-----
AFG31000 Series Arbitrary Function Generator Compliance, Installation, and Safety Instructions
012-1732-xx
BNC cable shielded, 3 ft.
174-4401-xx
USB cable, A to B, 3 ft.
-----
Power cord
-----
NIST-traceable calibration certificate
Recommended accessories
012-1732-xx
BNC cable shielded, 3 ft.
012-0991-xx
GPIB cable, double shielded
011-0049-02
50 Ω BNC terminator
ACD4000B
Soft transit case
HCTEK54
Hard transit case (requires ACD4000B)
AFG31000-RMK
Rack-mount kit
Warranty
Product warranty
Three-year warranty on parts and labor
Tektronix is ISO 14001:2015 and ISO 9001:2015 certified by DEKRA.
Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix Standard Codes and
Formats.
Product Area Assessed: The planning, design/development and manufacture of electronic Test and
Measurement instruments.
AFG31000 Series Datasheet
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com