Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM261...ZCZQ1 Datasheet(PDF) 20 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 16Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 17Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 18Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 19Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 20Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 21Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 22Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 23Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
V15
W13
P11
W12
ADC0_AIN0
ADC0_AIN0
-
-
Analog
U15
U13
N11
V12
ADC0_AIN1
ADC0_AIN1
-
-
Analog
T14
W14
R11
V13
ADC0_AIN2
ADC0_AIN2
-
-
Analog
U14
V14
P12
U11
ADC0_AIN3
ADC0_AIN3
-
-
Analog
U13
Y14
T12
W13
ADC0_AIN4
ADC0_AIN4
-
-
Analog
R14
W15
R12
U13
ADC0_AIN5
ADC0_AIN5
-
-
Analog
Y15
T13
W14
ADC0_AIN6
ADC0_AIN6
-
-
Analog
T11
W12
R10
ADC1_AIN0
ADC1_AIN0
-
-
Analog
U11
V12
N10
ADC1_AIN1
ADC1_AIN1
-
-
Analog
T12
Y11
P10
ADC1_AIN2
ADC1_AIN2
-
-
Analog
V12
W11
P9
ADC1_AIN3
ADC1_AIN3
-
-
Analog
U12
Y10
T9
ADC1_AIN4
ADC1_AIN4
-
-
Analog
R12
W10
R9
ADC1_AIN5
ADC1_AIN5
-
-
Analog
W9
R8
ADC1_AIN6
ADC1_AIN6
-
-
Analog
R10
W8
R7
W8
ADC2_AIN0
ADC2_AIN0
-
-
Analog
T10
Y7
P7
V9
ADC2_AIN1
ADC2_AIN1
-
-
Analog
U10
Y6
P8
V6
ADC2_AIN2
ADC2_AIN2
-
-
Analog
T9
W7
P6
V7
ADC2_AIN3
ADC2_AIN3
-
-
Analog
V9
W6
R6
W9
ADC2_AIN4
ADC2_AIN4
-
-
Analog
T8
V9
N7
V8
ADC2_AIN5
ADC2_AIN5
-
-
Analog
Y5
T6
W7
ADC2_AIN6
ADC2_AIN6
-
-
Analog
U16
V16
R13
U15
ADC_CAL0
ADC_CAL0
-
-
Analog
V11
ADC_VREFHI_G0
ADC_VREFHI0
-
-
Analog
V14
Y12
T10
V11
ADC_VREFHI_G0
ADC_VREFHI1
-
-
Analog
V10
Y8
T7
V10
ADC_VREFHI_G1
ADC_VREFHI2
-
-
Analog
W11
ADC_VREFLO_G0
ADC_VREFLO0
-
-
Analog
V13
Y13
T11
W11
ADC_VREFLO_G0
ADC_VREFLO1
-
-
Analog
V11
Y9
T8
W10
ADC_VREFLO_G1
ADC_VREFLO2
-
-
Analog
T6
W5
T4
W5
ATESTV1
ATESTV1
-
-
Analog
T5
W4
T5
W6
DAC_OUT
DAC_OUT
-
-
Analog
T13
U15
P13
V14
DAC_VREF0
DAC_VREF0
-
-
Analog
P1
U4
N3
R1
GPIO0
GPIO0_CFG_REG
0x5310 0000
0x0000 05F7
OSPI0_CSn0
0
O
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
SPI0_CS0
1
IO
UART3_RXD
2
I
OSPI0_D0
4
IO
GPIO0
7
IO
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com