Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM261...ZCZQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 3Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 4Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 5Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 6Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 7Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 8Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 9Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 10Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 218 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 4
3 Description.......................................................................5
3.1 Functional Block Diagram........................................... 6
4 Package Comparison...................................................... 8
4.1 Device Identification..................................................10
4.2 Related Products.......................................................11
5 Terminal Configuration and Functions........................12
5.1 Pin Diagram.............................................................. 12
5.2 Pin Attributes.............................................................17
5.3 Signal Descriptions................................................... 52
5.4 Pin Connectivity Requirements.................................83
6 Specifications................................................................ 84
6.1 Absolute Maximum Ratings...................................... 84
6.2 Electrostatic Discharge (ESD) Extended
Automotive Ratings..................................................... 85
6.3 Electrostatic Discharge (ESD) Industrial Ratings......85
6.4 Power-On Hours (POH) Summary............................85
6.5 Recommended Operating Conditions.......................87
6.6 Operating Performance Points..................................87
6.7 Power Consumption Summary................................. 88
6.8 Electrical Characteristics...........................................89
6.9 VPP Specifications for One-Time Programmable
(OTP) eFuses..............................................................96
6.10 Thermal Resistance Characteristics....................... 97
6.11 Timing and Switching Characteristics................... 102
6.12 Decoupling Capacitor Requirements.................... 185
7 Detailed Description....................................................186
7.1 Overview................................................................. 186
7.2 Processor Subsystems........................................... 187
8 Applications, Implementation, and Layout............... 188
8.1 Device Connection and Layout Fundamentals....... 188
8.2 OSPI Reset............................................................. 189
9 Device and Documentation Support..........................190
9.1 Device Nomenclature..............................................190
9.2 Tools and Software................................................. 193
9.3 Documentation Support.......................................... 193
9.4 Support Resources................................................. 193
9.5 Trademarks.............................................................193
9.6 Electrostatic Discharge Caution..............................194
9.7 Glossary..................................................................194
10 Revision History........................................................ 194
11 Mechanical, Packaging, and Orderable
Information.................................................................. 196
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com