Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 145 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 145 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 141Page - Texas Instruments DRA752ABC Datasheet HTML 142Page - Texas Instruments DRA752ABC Datasheet HTML 143Page - Texas Instruments DRA752ABC Datasheet HTML 144Page - Texas Instruments DRA752ABC Datasheet HTML 145Page - Texas Instruments DRA752ABC Datasheet HTML 146Page - Texas Instruments DRA752ABC Datasheet HTML 147Page - Texas Instruments DRA752ABC Datasheet HTML 148Page - Texas Instruments DRA752ABC Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 443 page
background image
145
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-4. Recommended Operating Conditions (continued)
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
vdds_ddr2 (4)
DDR2 power supply
(1.8V for DDR2 mode/
1.5V for DDR3 mode /
1.35V DDR3L mode)
1.35-V
Mode
1.28
1.35
1.377
1.42
V
1.5-V Mode
1.43
1.50
1.53
1.57
1.8-V Mode
1.71
1.80
1.836
1.89
Maximum noise (peak-
peak)
1.35-V
Mode
50
mVPPmax
1.5-V Mode
1.8-V Mode
vddshv5
Dual Voltage (1.8V or
3.3V) power supply for
the RTC Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv1
Dual Voltage (1.8V or
3.3V) power supply for
the VIN2 Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv10
Dual Voltage (1.8V or
3.3V) power supply for
the GPMC Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv11
Dual Voltage (1.8V or
3.3V) power supply for
the MMC2 Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv2
Dual Voltage (1.8V or
3.3V) power supply for
the VOUT Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv3
Dual Voltage (1.8V or
3.3V) power supply for
the GENERAL Power
Group pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv4
Dual Voltage (1.8V or
3.3V) power supply for
the MMC4 Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com