Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 148 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 148 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 144Page - Texas Instruments DRA752ABC Datasheet HTML 145Page - Texas Instruments DRA752ABC Datasheet HTML 146Page - Texas Instruments DRA752ABC Datasheet HTML 147Page - Texas Instruments DRA752ABC Datasheet HTML 148Page - Texas Instruments DRA752ABC Datasheet HTML 149Page - Texas Instruments DRA752ABC Datasheet HTML 150Page - Texas Instruments DRA752ABC Datasheet HTML 151Page - Texas Instruments DRA752ABC Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 443 page
background image
148
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(1) In a typical implementation, the power supply should target the NOM voltage.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
(4) For all OPPs, AVS must be enabled to avoid impact on device reliability, lifetime POH (Power-On-Hours), and device power.
(5) The AVS Voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the
STD_FUSE_OPP. For information about STD_FUSE_OPP Registers address, please refer to Control Module Section of the TRM. The
power supply should be adjustable over the following ranges for each required OPP:
–
OPP_NOM for MPU: 0.85V – 1.15V
–
OPP_NOM for CORE and Others: 0.85V - 1.15V
–
OPP_OD: 0.885V - 1.15V
–
OPP_HIGH: 0.95V - 1.25V
The AVS Voltages will be within the above specified ranges.
(6) VD_RTC can optionally be tied to VD_CORE and operate at the VD_CORE AVS voltages.
(7) The power supply must be programmed with the AVS voltages for the MPU and the CORE voltage domain, either just after the ROM
boot or at the earliest possible time in the secondary boot loader before there is significant activity seen on these domains.
Table 5-8 describes the standard processor clocks speed characteristics vs OPP of the device.
Table 5-8. Supported OPP vs Max Frequency (2)
DESCRIPTION
OPP_NOM
OPP_OD
OPP_HIGH
MAX FREQ. (MHz)
MAX FREQ. (MHz)
MAX FREQ. (MHz)
VD_MPU
MPU_CLK
1000
1176
1500
VD_DSPEVE
DSP_CLK
600
700
750
EVE_FCLK
535
650
650
VD_IVA
IVA_GCLK
388.3
430
532
VD_GPU
GPU_CLK
425.6
500
532
VD_CORE
CORE_IPUx_CLK
212.8
N/A
N/A
L3_CLK
266
N/A
N/A
DDR2
400 (DDR2-800)
N/A
N/A
DDR3 / DDR3L
532 (DDR3-1066)
N/A
N/A
VD_RTC
RTC_FCLK
0.034
N/A
N/A
(1) N/A in this table stands for Not Applicable.
(2) Maximum supported frequency is limited according to Table 5-5, Speed Grade Maximum Frequency).
5.5.3
Maximum Supported Frequency
Device modules either receive their clock directly from an external clock input, directly from a PLL, or from
a PRCM. Table 5-9 lists the clock source options for each module on this device, along with the maximum
frequency that module can accept. To ensure proper module functionality, the device PLLs and dividers
must be programmed not to exceed the maximum frequencies listed in this table.
Table 5-9. Maximum Supported Frequency
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
AES1
AES1_L3_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com