Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 169 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 169 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 165Page - Texas Instruments DRA752ABC Datasheet HTML 166Page - Texas Instruments DRA752ABC Datasheet HTML 167Page - Texas Instruments DRA752ABC Datasheet HTML 168Page - Texas Instruments DRA752ABC Datasheet HTML 169Page - Texas Instruments DRA752ABC Datasheet HTML 170Page - Texas Instruments DRA752ABC Datasheet HTML 171Page - Texas Instruments DRA752ABC Datasheet HTML 172Page - Texas Instruments DRA752ABC Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 443 page
background image
169
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-10. LVCMOS DDR DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0 (Single-Ended Signals): ddr1_d[31:0], ddr1_a[15:0], ddr1_dqm[3:0], ddr1_ba[2:0], ddr1_csn[0], ddr1_cke,
ddr1_odt[0], ddr1_casn, ddr1_rasn, ddr1_wen, ddr1_rst, ddr1_ecc_d[7:0], ddr1_dqm_ecc, ddr2_d[31:0], ddr2_a[15:0], ddr2_dqm[3:0],
ddr2_ba[2:0], ddr2_csn[0], ddr2_cke, ddr2_odt[0], ddr2_casn, ddr2_rasn, ddr2_wen, ddr2_rst;
Balls: AA28 / AA25 / AA26 / Y24 / AA24 / Y23 / Y22 / AA23 / Y20 / AB27 / Y19 / AC27 / AC28 / AB28 / W20 / V20 / AD25 / AC24 / AC25 /
AE26 / AF28 / AG27 / AF27 / AC23 / AE23 / AF23 / AE24 / AF24 / AH26 / AG26 / AF26 / AF25 / AD18 / AE17 / AF18 / AC21 / AD22 /
AD21 / AE22 / AF22 / AE21 / AE21 / AH22 / AF21 / AB19 / AC20 / AC19 / AD20 / AA27 / AC26 / AB23 / AD23 / AB18 / AE18 / AF17 /
AH23 / AG22 / AE20 / AC18 / AF20 / AH21 / AG21 / Y26 / V25 / V24 / Y25 / W23 / W19 / V23 / W22 / V26 / M26 / M25 / M24 / M23 / L28 /
L25 / L26 / L27 / J20 / K22 / J23 / L24 / L23 / K21 / K20 / L22 / J24 / J26 / J25 / G26 / H26 / H24 / H25 / H23 / E28 / E27 / F27 / F26 / F24 /
F25 / G25 / E26 / U22 / R22 / T22 / N28 / P26 / N23 / N27 / P27 / N20 / P25 / P22 / P23 / R27 / R28 / R26 / R25 / M22 / K23 / G24 / F28 /
U26 / U27 / U23 / P24 / U24 / R23 / U28 / T23 / U25 / R24;
Driver Mode
VOH
High-level output threshold (IOH = 0.1 mA)
0.9*VDDS
V
VOL
Low-level output threshold (IOL = 0.1 mA)
0.1*VDDS
V
CPAD
Pad capacitance (including package capacitance)
3
pF
ZO
Output impedance (drive
strength)
l[2:0] = 000
(Imp80)
80
Ω
l[2:0] = 001
(Imp60)
60
l[2:0] = 010
(Imp48)
48
l[2:0] = 011
(Imp40)
40
l[2:0] = 100
(Imp34)
34
Single-Ended Receiver Mode
VIH
High-level input threshold
DDR3/DDR3L
VREF+0.1
VDDS+0.2
V
DDR2
VREF+0.125
VDDS+0.3
VIL
Low-level input threshold
DDR3/DDR3L
-0.2
VREF-0.1
V
DDR2
-0.3
VREF-0.125
VCM
Input common-mode voltage
VREF
-10%vdds
VREF+
10%vdds
V
CPAD
Pad capacitance (including package capacitance)
3
pF
Signal Names in MUXMODE 0 (Differential Signals): ddr1_dqs[3:0], ddr1_dqsn[3:0], ddr1_ck, ddr1_nck, ddr2_dqs[3:0], ddr2_dqsn[3:0],
ddr2_ck, ddr2_nck, ddr1_dqs_ecc, ddr1_dqsn_ecc
Bottom Balls: Y28 / AD27 / AE27 / AH25 / Y27 / AD28 / AE28 / AG25 / AG24 / AH24 / M28 / K27 / H27 / G28 / M27 / K28 / H28 / G27 /
T28 / T27 / V27 / V28
Driver Mode
VOH
High-level output threshold (IOH = 0.1 mA)
0.9*VDDS
V
VOL
Low-level output threshold (IOL = 0.1 mA)
0.1*VDDS
V
CPAD
Pad capacitance (including package capacitance)
3
pF
ZO
Output impedance (drive
strength)
l[2:0] = 000
(Imp80)
80
Ω
l[2:0] = 001
(Imp60)
60
l[2:0] = 010
(Imp48)
48
l[2:0] = 011
(Imp40)
40
l[2:0] = 100
(Imp34)
34
Single-Ended Receiver Mode
VIH
High-level input threshold
DDR3/DDR3L
VREF+0.1
VDDS+0.2
V
DDR2
VREF+0.125
VDDS+0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com