Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 172 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 172 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 168Page - Texas Instruments DRA752ABC Datasheet HTML 169Page - Texas Instruments DRA752ABC Datasheet HTML 170Page - Texas Instruments DRA752ABC Datasheet HTML 171Page - Texas Instruments DRA752ABC Datasheet HTML 172Page - Texas Instruments DRA752ABC Datasheet HTML 173Page - Texas Instruments DRA752ABC Datasheet HTML 174Page - Texas Instruments DRA752ABC Datasheet HTML 175Page - Texas Instruments DRA752ABC Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 443 page
background image
172
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-11. Dual Voltage LVCMOS I2C DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
tOF
Output fall time from VIHmin to VILmax with a bus
capacitance CB from 10 pF to 200 pF (Proper
External Resistor Value should be used as per
I2C spec)
20+0.1*Cb
250
ns
Output fall time from VIHmin to VILmax with a bus
capacitance CB from 300 pF to 400 pF (Proper
External Resistor Value should be used as per
I2C spec)
40
290
(1) VDDS stands for corresponding power supply (that is vddshv3). For more information on the power supply name and the corresponding
ball, see Table 4-2, POWER [11] column.
5.7.4
IQ1833 Buffers DC Electrical Characteristics
Table 5-12 summarizes the DC electrical characteristics for IQ1833 Buffers.
Table 5-12. IQ1833 Buffers DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: tclk;
Balls: E20;
1.8-V Mode
VIH
Input high-level threshold (Does not meet JEDEC VIH)
0.75 *
VDDS
V
VIL
Input low-level threshold (Does not meet JEDEC VIL)
0.25 *
VDDS
V
VHYS
Input hysteresis voltage
100
mV
IIN
Input current at each I/O pin
2
11
µA
CPAD
Pad capacitance (including package capacitance)
1
pF
3.3-V Mode
VIH
Input high-level threshold (Does not meet JEDEC VIH)
2.0
V
VIL
Input low-level threshold (Does not meet JEDEC VIL)
0.6
V
VHYS
Input hysteresis voltage
400
mV
IIN
Input current at each I/O pin
5
11
µA
CPAD
Pad capacitance (including package capacitance)
1
pF
(1) VDDS stands for corresponding power supply (that is vddshv3). For more information on the power supply name and the corresponding
ball, see Table 4-2, POWER [11] column.
5.7.5
IHHV1833 Buffers DC Electrical Characteristics
Table 5-13 summarizes the DC electrical characteristics for IHHV1833 Buffers.
Table 5-13. IHHV1833 Buffers DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: porz / rtc_iso / rtc_porz / wakeup [3:0];
Balls: F22 / AF14 / AB17 / AD17 / AC17 / AB16 / AC16;
1.8-V Mode
VIH
Input high-level threshold
1.2
V
VIL
Input low-level threshold
0.4
V
VHYS
Input hysteresis voltage
40
mV
IIN
Input current at each I/O pin
0.02
1
µA
CPAD
Pad capacitance (including package capacitance)
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com