Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 174 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 174 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 170Page - Texas Instruments DRA752ABC Datasheet HTML 171Page - Texas Instruments DRA752ABC Datasheet HTML 172Page - Texas Instruments DRA752ABC Datasheet HTML 173Page - Texas Instruments DRA752ABC Datasheet HTML 174Page - Texas Instruments DRA752ABC Datasheet HTML 175Page - Texas Instruments DRA752ABC Datasheet HTML 176Page - Texas Instruments DRA752ABC Datasheet HTML 177Page - Texas Instruments DRA752ABC Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 443 page
background image
174
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-16. BMLB18 Buffers DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: mlbp_dat_n / mlbp_dat_p / mlbp_sig_n / mlbp_sig_p;
Balls: AA2 / AA1 / AC2 / AC1;
1.8-V Mode
VIH/VIL
Input high-level threshold
VCM ±
50mV
V
VHYS
Input hysteresis voltage
NONE
mV
VOD
Differential output voltage (measured with 50ohm resistor
between PAD and PADN)
300
500
mV
VCM
Common mode output voltage
1
1.5
V
CPAD
Pad capacitance (including package capacitance)
4
pF
(1) VDDS stands for corresponding power supply (that is vdds_mlbp). For more information on the power supply name and the
corresponding ball, see Table 4-2, POWER [11] column.
5.7.9
BC1833IHHV Buffers DC Electrical Characteristics
Table 5-17 summarizes the DC electrical characteristics for BC1833IHHV Buffers.
Table 5-17. BC1833IHHV Buffers DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: on_off;
Balls: Y11;
1.8-V Mode
VOH
Output high-level threshold (IOH = 2 mA)
VDDS-
0.45
V
VOL
Output low-level threshold (IOL = 2 mA)
0.45
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
6
12
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by
the tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and
the Max(I(PAD)) is measured and is reported as IOZ
6
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
3.3-V Mode
VOH
Output high-level threshold (IOH =100µA)
VDDS-0.2
V
VOL
Output low-level threshold (IOL = 100µA)
0.2
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
60
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by
the tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and
the Max(I(PAD)) is measured and is reported as IOZ
60
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
(1) VDDS stands for corresponding power supply (that is vddshv5). For more information on the power supply name and the corresponding
ball, see Table 4-2, POWER [11] column.
5.7.10 USBPHY DC Electrical Characteristics
NOTE
USB1 instance is compliant with the USB3.0 SuperSpeed Transmitter and Receiver
Normative Electrical Parameters as defined in the USB3.0 Specification Rev 1.0 dated Jun 6,
2011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com