Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 186 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 186 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 182Page - Texas Instruments DRA752ABC Datasheet HTML 183Page - Texas Instruments DRA752ABC Datasheet HTML 184Page - Texas Instruments DRA752ABC Datasheet HTML 185Page - Texas Instruments DRA752ABC Datasheet HTML 186Page - Texas Instruments DRA752ABC Datasheet HTML 187Page - Texas Instruments DRA752ABC Datasheet HTML 188Page - Texas Instruments DRA752ABC Datasheet HTML 189Page - Texas Instruments DRA752ABC Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 443 page
background image
SPRS85v_ELCH_06
vdd_dspeve, vdd_gpu, vdd_iva,
vdd_mpu, vdd, vdd_rtc
xi_osc0
porz, rtc_porz
V1
V3
V2
V7
V5
V10
V4
V11
V6
V9
V8
Tdelta2
vdds_ddr1, ddr1_vref0
Tdelta1
Note 9, Note 11
Note 4
Note 9
Note 9, Note 10
Note 12
vdda_per, vdda_ddr, vdda_debug,
vdda_gmac_core, vdda_gpu, vdda_video,
vdda_osc, vdda_mpu, vdda_usb[1-3],
vdda_hdmi, vdda_pcie, vdda_rtc
vddshv[1-7, 9-11]
vddshv5, vddshv8
vdda33v_usb[1-2]
(5)
(8)
(7)
vddshv[1-7, 9-11]
vdds18v, vdds_mlbp, vdds18v_ddr1
(6)
SPRS916_ELCH_05
vdds18v
V2
V1
Note 1
Note 2
vdda_*
186
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 5-7. vdds18v and vdda_* Discharge Relationship(3)
(1) vdda_* can be
≥ vdds18v, until vdds18v drops below 1.62 V.
(2) vdds18v must be
≥ vdda_*, until vdds18v reaches 0.6 V.
(3) V1 = 1.62 V; V2 < 0.6 V.
Figure 5-5 through Figure 5-8 and associated notes described the device abrupt power down sequence.
A ”loss of input power event” occurs when the system’s input power is unexpectedly removed. Normally,
the recommended power-down sequence should be followed and can be accomplished within 1.5-2 ms of
elapsed time. This is the typical range of elapsed time available following a loss of power event, see
Section 8.3.7 for design recommendations. If sufficient elapse time is not provided, then an “abrupt” power
down sequence can be supported without impacting POH reliability if all of the following conditions are
met (Figure 5-8).
Figure 5-8. Abrupt Power-Down Sequencing(1)
(1) Time stamps:
–
V1 = 2.7 V; V2 = 3.3 V; V3 = 2.0 V; V4 = V5 = V6 = 0.6 V; V7 = V8 = 1.62 V; V9 = 1.3 V; V10 = 1.0 V; V11 = 0.0 V; Tdelta1 > 100 µs;
Tdelta2 < 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com