Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 187 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 187 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 183Page - Texas Instruments DRA752ABC Datasheet HTML 184Page - Texas Instruments DRA752ABC Datasheet HTML 185Page - Texas Instruments DRA752ABC Datasheet HTML 186Page - Texas Instruments DRA752ABC Datasheet HTML 187Page - Texas Instruments DRA752ABC Datasheet HTML 188Page - Texas Instruments DRA752ABC Datasheet HTML 189Page - Texas Instruments DRA752ABC Datasheet HTML 190Page - Texas Instruments DRA752ABC Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 443 page
background image
187
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(2) Terminology:
–
VOPR MIN = Minimum Operational Voltage level that ensures device functionality and specified performance in Section 5.4,
Recommended Operating Conditions table.
–
VOFF = OFF Voltage level is defined to be less than 0.6 V, where any current draw has no impact to POH.
–
Ramp Down = transition time from VOPR MIN to VOFF and is slew rate independent.
(3) General timing diagram items:
–
Grey shaded areas show valid transition times for supplies between VOPR MIN and VOFF.
–
Dashed vertical lines show approximate elapse times based upon TI recommended PMIC power-down sequencer circuit
performance.
(4) porz and rtc_porz must be asserted low for 100 μs min to ensure SoC is set to a safe functional state before any voltage begins to ramp
down.
–
Only if using RTC-mode with an independent RTC input power source, then rtc_porz can remain high and RTC-domains (vdd_rtc,
vdda_rtc, and vddshv5) can remain energized while all other domains sourced from the system input power are powered down.
(5) vddshv[1-7, 9-11] domains supplied by 3.3 V:
–
must remain greater than 2.7 V to enable Dual Voltage GPIO selector circuit operation for 100 μs min, after porz is asserted low.
–
must not exceed vdds18v voltage level by more than 2 V during ramp down, until vdds18v drops below VOFF (0.6 V).
(6) vddshv[1-7, 9-11] domains supplied by 1.8 V must ramp down concurrently with vdds18v and be sourced from common vdds18v supply.
(7) vddshv8 supporting SD Card:
–
must be in first group of supplies to ramp down after porz has been asserted low for 100 µs min.
–
must be sourced from independent power resource that can provide dual voltage (3.3 V / 1.8 V) operation as required to be
compliant to SDIO specification.
–
if SDIO operation is not needed, must be grouped with other vddshv[1-7, 9-11] domains.
(8) vdda33v_usb[1-2] domains must be in first group of supplies to ramp down after porz has been asserted low for 100 µs min.
(9) vdd_dspeve, vdd_gpu, vdd_iva, vdd_mpu, vdd, vdd_rtc, vdds_ddr1, vdda_* domains can all start to ramp down in any order after 100 µs
low assertion of porz.
(10) vdds_ddr1 domains:
–
can remain at VOPR MIN or a level greater than vdds18v during ramp down.
–
elapsed time from vdds18v dropping below 1.0 V to vdds_ddr[1-3] dropping below 0.6 V must not exceed 10 ms.
(11) vdda_* domains:
–
can start to ramp down before or concurrently with vdds18v.
–
must not exceed vdds18v voltage level after vdds18v drops below 1.62 V until vdds18v drops below VOFF (0.6 V).
(12) vdds18v domain should maintain a minimum level of 1.62 V (VNOM – 10%) until vdd_dspeve and vdd start to ramp down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com