Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 204 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 204 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 200Page - Texas Instruments DRA752ABC Datasheet HTML 201Page - Texas Instruments DRA752ABC Datasheet HTML 202Page - Texas Instruments DRA752ABC Datasheet HTML 203Page - Texas Instruments DRA752ABC Datasheet HTML 204Page - Texas Instruments DRA752ABC Datasheet HTML 205Page - Texas Instruments DRA752ABC Datasheet HTML 206Page - Texas Instruments DRA752ABC Datasheet HTML 207Page - Texas Instruments DRA752ABC Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 443 page
background image
V
= V
MAX (or V
MAX)
ref
IL
OL
V
= V
MIN (or V
MIN)
ref
IH
OH
pm_transvolt_prs403
204
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-3. Rise and Fall Transition Time Voltage Reference Levels
7.3.1.2
1.8V and 3.3V Signal Transition Rates
The default SLEWCONTROL settings in each pad configuration register must be used to ensure timings,
unless specific instructions otherwise are given in the individual timing sub-sections of the datasheet.
All timings are tested with an input edge rate of 4 volts per nanosecond (4 V/ns).
7.3.1.3
Timing Parameters and Board Routing Analysis
The timing parameter values specified in this data manual do not include delays by board routes. As a
good board design practice, such delays must always be taken into account. Timing values may be
adjusted by increasing/decreasing such delays. TI recommends using the available I/O buffer information
specification (IBIS) models to analyze the timing characteristics correctly. To properly use IBIS models to
attain accurate timing analysis for a given system, see the Using IBIS Models for timing Analysis
application report (literature number SPRA839). If needed, external logic hardware such as buffers may be
used to compensate any timing differences.
7.4
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner. Monotonic transitions are more easily ensured with faster switching signals. Slower input
transitions are more susceptible to glitches due to noise and special care should be taken for slow input
clocks.
7.5
Virtual and Manual I/O Timing Modes
Some of the timings described in the following sections require the use of Virtual or Manual I/O Timing
Modes. Table 7-2 provides a summary of the Virtual and Manual I/O Timing Modes across all device
interfaces. The individual interface timing sections found later in this document provide the full description
of each applicable Virtual and Manual I/O Timing Mode. Refer to the "Pad Configuration" section of the
TRM for the procedure on implementing the Virtual and Manual Timing Modes in a system.
Table 7-2. Modes Summary
Virtual or Manual IO Mode Name
Data Manual Timing Mode
VIP
VIP1_MANUAL1
VIN1A/1B/2A Rise-Edge Capture Mode Timings
VIP1_2B_MANUAL1
VIN2B Rise-Edge Capture Mode Timings
VIP1_MANUAL2
VIN1A/1B/2A Fall-Edge Capture Mode Timings
VIP1_2B_MANUAL2
VIN2B Fall-Edge Capture Mode Timings
VIP2_MANUAL1
VIN3A, VIN3B IOSET1 Rise-Edge Capture Mode Timings
VIP2_4A_MANUAL1
VIN4A IOSET1/2 Rise-Edge Capture Mode Timings
VIP2_4A_IOSET3_MANUAL1
VIN4A IOSET3 Rise-Edge Capture Mode Timings
VIP2_4B_MANUAL1
VIN4B Rise-Edge Capture Mode Timings
VIP2_3B_IOSET2_MANUAL1
VIN3B IOSET2 Rise-Edge Capture Mode Timings
VIP2_3B_IOSET2_MANUAL2
VIN3B IOSET2 Fall-Edge Capture Mode Timings
VIP2_MANUAL2
VIN3A, VIN3B IOSET1, VIN4A IOSET1/2 Fall-Edge Capture Mode Timings
VIP2_4A_MANUAL2
VIN4A IOSET1/2 Fall-Edge Capture Mode Timings
VIP2_4A_IOSET3_MANUAL2
VIN4A IOSET3 Fall-Edge Capture Mode Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com