Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 207 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 207 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 203Page - Texas Instruments DRA752ABC Datasheet HTML 204Page - Texas Instruments DRA752ABC Datasheet HTML 205Page - Texas Instruments DRA752ABC Datasheet HTML 206Page - Texas Instruments DRA752ABC Datasheet HTML 207Page - Texas Instruments DRA752ABC Datasheet HTML 208Page - Texas Instruments DRA752ABC Datasheet HTML 209Page - Texas Instruments DRA752ABC Datasheet HTML 210Page - Texas Instruments DRA752ABC Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 443 page
background image
vinx_clki
V2
V1
V3
SPRS8xx_VIP_01
207
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
7.6
Video Input Ports (VIP)
The Device includes 3 Video Input Ports (VIP).
Table 7-3, Figure 7-4 and Figure 7-5 present timings and switching characteristics of the VIPs.
CAUTION
The IO timings provided in this section are applicable for all combinations of
signals for vin1, vin5 and vin6. However, the timings are only valid for vin2,
vin3, and vin4 if signals within a single IOSET are used. The IOSETs are
defined in the Table 7-4, Table 7-5 and Table 7-6.
Table 7-3. Timing Requirements for VIP (1)(2)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
V1
tc(CLK)
Cycle time, vinx_clki (3) (5)
6.06 (1)
ns
V2
tw(CLKH)
Pulse duration, vinx_clki high (3) (5)
0.45*P (2)
ns
V3
tw(CLKL)
Pulse duration, vinx_clki low (3) (5)
0.45*P (2)
ns
V4
tsu(CTL/DATA-CLK)
Input setup time, Control (vinx_dei, vinx_vsynci, vinx_fldi,
vinx_hsynci) and Data (vinx_dn) valid to vinx_clki transition (3)
(4) (5)
vin1x,
vin2x
2.93
ns
vin5x,
vin6x
3.11
ns
vin3x,
vin4x
3.11
ns
V5
th(CLK-CTL/DATA)
Input hold time, Control (vinx_dei, vinx_vsynci, vinx_fldi,
vinx_hsynci) and Data (vinx_dn) valid from vinx_clki transition
(3) (4) (5)
-0.05
ns
(1) For maximum frequency of 165 MHZ.
(2) P = vinx_clki period.
(3) x in vinx = 1a, 1b, 2a, 2b, 3a, 3b, 4a, 4b, 5a and 6a.
(4) n in dn = 0 to 7 when x = 1b, 2b, 3b and 4b;
n = 0 to 15 when x = 5a and 6a;
n = 0 to 23 when x = 1a, 2a, 3a and 4a;
(5) i in clki, dei, vsynci, hsynci and fldi = 0 or 1.
Figure 7-4. Video Input Ports clock signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com