Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA751ABC Datasheet(PDF) 6 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 2Page - Texas Instruments DRA751ABC Datasheet HTML 3Page - Texas Instruments DRA751ABC Datasheet HTML 4Page - Texas Instruments DRA751ABC Datasheet HTML 5Page - Texas Instruments DRA751ABC Datasheet HTML 6Page - Texas Instruments DRA751ABC Datasheet HTML 7Page - Texas Instruments DRA751ABC Datasheet HTML 8Page - Texas Instruments DRA751ABC Datasheet HTML 9Page - Texas Instruments DRA751ABC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
6
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
3
Device Comparison
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison(4)
FEATURES
DEVICE
Jacinto 6 EX
Jacinto 6 EP
Jacinto 6
DRA756
DRA755
DRA754
DRA752
DRA751
DRA750
DRA746
DRA745
DRA744
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2[31:24] Base PN register
bitfield value (3)(4)
15 (0xF)
14 (0xE)
13 (0xD)
11 (0xB)
10 (0xA)
9 (0x9)
7 (0x7)
6 (0x6)
5 (0x5)
Processors/ Accelerators
Speed Grades
P
L
J
P
L
J
P
L
J
Dual Arm Cortex-A15 Microprocessor
Subsystem (MPU)
MPU core 0
Yes
Yes
Yes
MPU core 1
Yes
Yes
Yes
C66x VLIW DSP
DSP1
Yes
Yes
Yes
DSP2
Yes
Yes
No
BitBLT 2D Hardware Acceleration Engine
(BB2D)
BB2D
Yes
Yes
Yes
Display Subsystem
VOUT1
Yes
Yes
Yes
VOUT2
Yes
Yes
Yes
VOUT3
Yes
Yes
Yes
HDMI
Yes
Yes
Yes
Embedded Vision Engine (EVE)
EVE1
Yes
No
No
EVE2
Yes
No
No
Dual Arm Cortex-M4 Image Processing Unit
(IPU)
IPU1
Yes
Yes
Yes
IPU2
Yes
Yes
Yes
Image Video Accelarator (IVA)
IVA
Yes
Yes
Yes
SGX544 Dual-Core 3D Graphics Processing
Unit (GPU)
GPU
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com