Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA751ABC Datasheet(PDF) 81 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 81 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 77Page - Texas Instruments DRA751ABC Datasheet HTML 78Page - Texas Instruments DRA751ABC Datasheet HTML 79Page - Texas Instruments DRA751ABC Datasheet HTML 80Page - Texas Instruments DRA751ABC Datasheet HTML 81Page - Texas Instruments DRA751ABC Datasheet HTML 82Page - Texas Instruments DRA751ABC Datasheet HTML 83Page - Texas Instruments DRA751ABC Datasheet HTML 84Page - Texas Instruments DRA751ABC Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
81
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
Y23
ddr1_d26
Y19
ddr1_d21
AE15
xi_osc0
AH24
ddr1_nck
AG15
ljcb_clkp
AF24
ddr1_d4
U25
ddr2_wen
F27
ddr2_d5
V25
ddr1_ecc_d6
M27
ddr2_dqsn3
G26
ddr2_d12
AG19
hdmi1_data2x
AF21
ddr1_a4
E27
ddr2_d6
F24
ddr2_d3
H26
ddr2_d11
W23
ddr1_ecc_d3
Y27
ddr1_dqsn3
AC24
ddr1_d14
J24
ddr2_d15
R26
ddr2_a1
G27
ddr2_dqsn0
AF28
ddr1_d11
AA23
ddr1_d24
AD18
ddr1_a15
H23
ddr2_d8
AH16
hdmi1_clocky
AC20
ddr1_a2
AA24
ddr1_d27
W19
ddr1_ecc_d2
L24
ddr2_d20
AG11
pcie_rxn1
AG21
ddr1_rst
AE28
ddr1_dqsn1
AC11
usb_txn0
L22
ddr2_d16
U28
ddr2_casn
K22
ddr2_d22
AG25
ddr1_dqsn0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com