Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES31A00DDFR Datasheet(PDF) 21 Page - Texas Instruments

Part # RES31A00DDFR
Description  RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RES31A00DDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button RES31A00DDFR Datasheet HTML 17Page - Texas Instruments RES31A00DDFR Datasheet HTML 18Page - Texas Instruments RES31A00DDFR Datasheet HTML 19Page - Texas Instruments RES31A00DDFR Datasheet HTML 20Page - Texas Instruments RES31A00DDFR Datasheet HTML 21Page - Texas Instruments RES31A00DDFR Datasheet HTML 22Page - Texas Instruments RES31A00DDFR Datasheet HTML 23Page - Texas Instruments RES31A00DDFR Datasheet HTML 24Page - Texas Instruments RES31A00DDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
7.3.2 Ratiometric Drift
The ratiometric matching of the RES31A provides a benefit not just for initial conditions, but also when
considering parametric drift. The resistors must be considered individually, in absolute terms, and ratiometrically
to each other, in matched terms. The absolute temperature coefficients of each resistor show strong correlation,
with the coefficient of RIN1 comparable to that of RIN2 and the coefficient of RG1 comparable to that of RG2.
The absolute temperature coefficient (in Ω/°C) of each RG is approximately Gnom times greater than that of
the comparable RIN; therefore, the normalized absolute temperature coefficient (in ppm/°C) of every resistor is
approximately the same.
The resistors of the RES31A are interdigitated, and occupy a small footprint; thus, the die temperature of
the device is effectively common to each of the four resistors. As the temperature changes, each resistor
experiences a similar temperature rise. The resistors have very similar temperature coefficients; therefore,
the ratio of RG to RIN is well preserved. For example, the RES31A40 has a typical absolute temperature
coefficient of approximately 12ppm/°C for RIN or RG. When considered in ratiometric terms, the typical
temperature coefficient of tD1 or tD2 is ±0.2ppm/°C, and the temperature coefficient of tM is ±0.05ppm/°C.
Ambient temperature, humidity, heatsinking, board cleanliness, and other related factors can impact the settling
time of the RES31A, so validation testing is performed in a low-humidity environment with rigorous board
cleaning procedures.
7.3.3 Ultra-Low Noise
Noise in resistors can be evaluated in two separate regions: low-frequency flicker noise and wideband thermal
noise. Flicker, or 1/f noise, is extremely important for systems that require signal gain at frequencies less
than 100Hz. The flicker noise for thin-film resistors, including the RES31A, is lower than that of thick-film
resistor processes. Thermal noise typically dominates in the region greater than 1kHz, and increases as resistor
magnitude increases. Noise is modeled as a voltage source in series with the resistor.
For a resistive divider such as the RES31A, the thermal noise as measured at the center tap of two resistors RIN
and RG is equivalent to the thermal noise of a resistor with value RIN || RG:
eN= 4kBTR
(16)
where:
• eN is the thermal noise density in nV/√Hz
• T is the absolute temperature in kelvins (K)
• kB is the Boltzmann constant, 1.381 × 10-23J/K
• R = RIN || RG
As an example, for the RES31A40 at 25°C:
eN= 4kBTR = 4×1.38E−23JK×278K× 100kΩ ∥ 400kΩ =35.1nV/ Hz
(17)
7.4 Device Functional Modes
The RES31A is typically used with two independently biased resistor dividers. RIN1 and RG1 in series form a
resistive divider, with RIN2 and RG2 in series forming another divider. However, the two dividers do not have to be
used independently. The resistors can be connected in series or in parallel like any other resistor.
Use one of the two GND pins to bias the part substrate. Connect the substrate to signal ground or a similar
low-impedance bias point or plane for best noise rejection. While two GND/SUB connection pins are available on
the device, connect only one of these to the ground plane. The two GND pins are internally connected through
the substrate, which is not intended to conduct significant currents. Connect only one GND pin at a time and
leave the other pin floating to prevent current return paths from developing through the substrate.
www.ti.com
RES31A
SLVSKC6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: RES31A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com