Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES31A00DDFR Datasheet(PDF) 7 Page - Texas Instruments

Part # RES31A00DDFR
Description  RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RES31A00DDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button RES31A00DDFR Datasheet HTML 3Page - Texas Instruments RES31A00DDFR Datasheet HTML 4Page - Texas Instruments RES31A00DDFR Datasheet HTML 5Page - Texas Instruments RES31A00DDFR Datasheet HTML 6Page - Texas Instruments RES31A00DDFR Datasheet HTML 7Page - Texas Instruments RES31A00DDFR Datasheet HTML 8Page - Texas Instruments RES31A00DDFR Datasheet HTML 9Page - Texas Instruments RES31A00DDFR Datasheet HTML 10Page - Texas Instruments RES31A00DDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tM
Matching tolerance of dividers 1
and 2(3)
tD2 – tD1
RES31A10
–1000
±68
1000
ppm
RES31A15(1)
–1000
1000
RES31A16(1)
–1000
1000
RES31A20
–1000
±69
1000
RES31A25
–1000
±124
1000
RES31A30
–1000
±74
1000
RES31A40
–1000
±58
1000
RES31A50
–1000
±157
1000
RES31A90(1)
–1000
1000
RES31A00
–1000
±99
1000
tabs
Absolute tolerance (per resistor)
(3) (4)
(Rx / Rxnom) – 1(5)
–12
±2
12
%
Absolute tolerance span
MAX (tabsRIN1, tabsRG1, tabsRIN2, tabsRG2) – MIN (tabsRIN1,
tabsRG1, tabsRIN2, tabsRG2)
±140
ppm
RESISTANCE DRIFT
TCRabs
Absolute temperature coefficient
of resistance (per resistor)(6)
(ΔRx / Rx(25°C)) / ΔTA
TA = –40°C to +125°C
12
ppm/°C
TA = –40°C to –5°C
28
TA = –5°C to +65°C
15
TA = 65°C to 105°C
3.2
TA = 105°C to 125°C
-7.5
TCRratio
Divider temperature coefficient of
resistance (per divider)(6)
ΔtDx / ΔTA,
TA = –40C to +105°C
RES31A00
–2
–0.5
2
ppm/°C
ΔtDx / ΔTA,
TA = –40C to +125°C
RES31A10, RES31A15(1),
RES31A16(1), RES31A20,
RES31A25, RES31A30,
RES31A40, RES31A50,
RES31A90(1)
–2
±0.2
2
RES31A00
–5
–1.5
2
TCRM
Matching temperature coefficient
of resistance(6)
ΔtM / ΔTA,
TA = –40C to +105°C
RES31A00
±0.05
ppm/°C
ΔtM / ΔTA,
TA = –40C to +125°C
RES31A10, RES31A15(1),
RES31A16(1), RES31A20,
RES31A25, RES31A30,
RES31A40, RES31A50,
RES31A90(1)
±0.05
RES31A00
–0.25
VCRabs
Absolute voltage coefficient of
resistance (per resistor)(4) (6)
ΔRx / ΔVRx,
VDx = –VRECMAX to
VRECMAX
RES31A10, RES31A15(1),
RES31A16(1), RES31A20,
RES31A25, RES31A30,
RES31A40, RES31A50,
RES31A90(1)
±1.1
Ω/V
RES31A00
±5.6
VCRratio
Divider voltage coefficient of
resistance (per divider)(6)
ΔtDx / ΔVDx, VDx = –VRECMAX to VRECMAX
±0.2
ppm/V
VCRM
Matching voltage coefficient of
resistance(6)
(ΔtD2 – ΔtD1) / ΔVDx, VDx = –VRECMAX to VRECMAX
±0.15
ppm/V
ARBITRARY MATCHING
RG mismatch between dividers,
absolute(3)
(RG2 – RG1) / RGnom
±60
ppm
www.ti.com
RES31A
SLVSKC6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: RES31A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com