Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES31A10DDFR Datasheet(PDF) 29 Page - Texas Instruments

Part # RES31A10DDFR
Description  RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RES31A10DDFR Datasheet(HTML) 29 Page - Texas Instruments

Back Button RES31A10DDFR Datasheet HTML 25Page - Texas Instruments RES31A10DDFR Datasheet HTML 26Page - Texas Instruments RES31A10DDFR Datasheet HTML 27Page - Texas Instruments RES31A10DDFR Datasheet HTML 28Page - Texas Instruments RES31A10DDFR Datasheet HTML 29Page - Texas Instruments RES31A10DDFR Datasheet HTML 30Page - Texas Instruments RES31A10DDFR Datasheet HTML 31Page - Texas Instruments RES31A10DDFR Datasheet HTML 32Page - Texas Instruments RES31A10DDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Multiplication of the tERR
effective error by the desired process control value, such as × 6 for a six-sigma approach,
gives conservative maximum bounds. Because the ±1σ values reported in Electrical Characteristics already
include guardbanding and account for mean shifts, in many cases a lower process control value (such as
five-sigma) is sufficient. For example, solving the previous expressions for CMRR yields only 78.3dB, whereas
the actual typical CMRR for the RES31A25 is 89.1dB. The discrepancy arises because the ATE measurement
resolution of tD1, tD2, tM, and CMRR is higher than that of tD2D and tE2E, and therefore the reported typical values
of the latter parameters include additional guardbanding. Additionally, the conservative modeling approach
assumes tD2D, tE2E, and tD2 are uncorrelated, whereas for many devices there are weak correlations (such as
tD2D and tE2E having different polarities) that cause the actual observed error to be lower than the modeled error.
8.1.4 Discrete Instrumentation Amplifiers
The RES31A can be used in conjunction with a dual-channel operational amplifier to implement a discrete
instrumentation amplifier (INA). The ratiometric matching between the two resistor dividers improves CMRR
performance for the circuit when compared to a similar implementation using unmatched discrete resistors,
and results in better overtemperature and overaging gain drift characteristics. INAs are often used instead of
difference amplifiers when high input impedance and low bias currents are needed, such as when measuring
bridge sensors.
Discrete INAs are often configured as a differential-input differential-output circuit as shown in Figure 8-7. While
not shown, if needed, use an additional discrete difference amplifier stage (requiring a second RES31A and
another op-amp channel) to convert the differential output voltage to a single-ended voltage (for example, when
driving a single-ended ADC). This extra stage can also add an additional offset and provide additional gain,
effectively mimicking the common three-amplifier INA architecture.
VOUT+−VOUT−= VIN+−VIN− × 1+ RGRIN
(62)
V
IN+
ADC
RES31A
+
–
OPA392
V
IN–
R
G2
R
IN1
R
G1
R
IN2
V
OUT–
+
–
OPA392
V
OUT+
Figure 8-7. Differential-Input, Differential-Output Instrumentation Amplifier Using the RES31A
Less commonly, a discrete INA can be implemented as a differential-input, single-ended output circuit as shown
in Figure 8-8. This topology maintains high input impedances, allows an offset to be applied, and gives a
single-ended output without requiring a third amplifier channel. The offset must be driven by a low-impedance
source, such as a reference buffer. When designing a discrete INA, carefully consider the output swing and input
common-mode range limitations of the amplifiers used in the circuit design process.
VOUT= VIN+−VIN− × 1+ RGRIN +VREF
(63)
www.ti.com
RES31A
SLVSKC6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: RES31A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com