Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES31A10DDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # RES31A10DDFR
Description  RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RES31A10DDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button RES31A10DDFR Datasheet HTML 9Page - Texas Instruments RES31A10DDFR Datasheet HTML 10Page - Texas Instruments RES31A10DDFR Datasheet HTML 11Page - Texas Instruments RES31A10DDFR Datasheet HTML 12Page - Texas Instruments RES31A10DDFR Datasheet HTML 13Page - Texas Instruments RES31A10DDFR Datasheet HTML 14Page - Texas Instruments RES31A10DDFR Datasheet HTML 15Page - Texas Instruments RES31A10DDFR Datasheet HTML 16Page - Texas Instruments RES31A10DDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
5.6 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
tDx Drift Error (ppm/ C)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0
3%
6%
9%
12%
15%
18%
RES31A10, RES31A20, RES31A25, RES31A30, RES31A40,
RES31A50, n = 494
Figure 5-25. TCRratio Temperature Coefficient Distribution
tM Drift Error (ppm/ C)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
5%
10%
15%
20%
25%
30%
35%
RES31A10, RES31A20, RES31A25, RES31A30, RES31A40,
RES31A50, n = 247
Figure 5-26. TCRM Temperature Coefficient Distribution
tDx Drift Error (ppm/ C)
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
5%
10%
15%
20%
25%
TA = –40C to +105°C
RES31A00, n = 184
Figure 5-27. RES31A00 TCRratio Temperature Coefficient
Distribution
tM Drift Error (ppm/ C)
-0.12
-0.08
-0.04
0
0.04
0.08
0.12
0
3%
6%
9%
12%
15%
TA = –40C to +105°C
RES31A00, n = 92
Figure 5-28. RES31A00 TCRM Temperature Coefficient
Distribution
tDx Drift Error (ppm/ C)
-2.4
-2
-1.6
-1.2
-0.8
-0.4
0
0
2%
4%
6%
8%
10%
12%
14%
TA = –40C to +125°C
RES31A00, n = 184
Figure 5-29. RES31A00 TCRratio Temperature Coefficient
Distribution
tM Drift Error (ppm/ C)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
3%
6%
9%
12%
15%
18%
TA = –40C to +125°C
RES31A00, n = 92
Figure 5-30. RES31A00 TCRM Temperature Coefficient
Distribution
www.ti.com
RES31A
SLVSKC6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: RES31A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com