Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6.5MM Datasheet(PDF) 39 Page - ABB

Part # 6.5MM
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

6.5MM Datasheet(HTML) 39 Page - ABB

Back Button 6.5MM Datasheet HTML 35Page - ABB 6.5MM Datasheet HTML 36Page - ABB 6.5MM Datasheet HTML 37Page - ABB 6.5MM Datasheet HTML 38Page - ABB 6.5MM Datasheet HTML 39Page - ABB 6.5MM Datasheet HTML 40Page - ABB 6.5MM Datasheet HTML 41Page - ABB 6.5MM Datasheet HTML 42Page - ABB 6.5MM Datasheet HTML 43Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
5
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915 5/5
Cable
Type AH-CT & AV-CT
T
A
B
AH153-CT2R
T
R
A
B
AV155-CT2
Girder clips & mounting base for cable bundles
Part no.
ABB order code
T (mm)
A (mm)
B (mm)
Material
finishes
Quantity
(pieces)
AH153-CT2R 7TCA084030R0540 1.5-3
200
7.6
F8+1
25
1
Mounting bases and cable ties are made of Polyamide 6.6
Purlin clips, mounting base & cable tie for cable bundles
Part no.
ABB order code
T (mm)
A (mm)
B (mm)
Material
finishes
Quantity
(pieces)
AV155-CT2
7TCA084030R0766 1.5-4
200
7.6
F8+1
25
AV155-CT2R
7TCA084030R0768 1.5-4
200
7.6
F8+1
25
AV155-CT4
7TCA084030R0770 1.5-4
370
7.6
F8+1
25
AV57-CT2
7TCA084030R0813 4.5-7
200
7.6
F8+1
25
AV57-CT2R
7TCA084030R1921 4.5-7
200
7.6
F8+1
25
AV57-CT4
7TCA084030R1920 4.5-7
370
7.6
F8+1
25
1
Mounting bases and cable ties are made of Polyamide 6.6
T
A
B
AH153-CT2R
T
R
A
B
AV155-CT2
T
R
A
B
AV155-CT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com