Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6.5MM Datasheet(PDF) 68 Page - ABB

Part # 6.5MM
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

6.5MM Datasheet(HTML) 68 Page - ABB

Back Button 6.5MM Datasheet HTML 64Page - ABB 6.5MM Datasheet HTML 65Page - ABB 6.5MM Datasheet HTML 66Page - ABB 6.5MM Datasheet HTML 67Page - ABB 6.5MM Datasheet HTML 68Page - ABB 6.5MM Datasheet HTML 69Page - ABB 6.5MM Datasheet HTML 70Page - ABB 6.5MM Datasheet HTML 71Page - ABB 6.5MM Datasheet HTML 72Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
11
11/4
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
Merchandiser unit
Re-ordering part numbers
Suspended ceiling clips
Part no.
ABB order code
Quantity (pieces)
Page
PPJHX16S
7TCA084030R1721
25
6/2
A
Ø
JHX-16S
JHX
XM-6
XM-6 included (inclus, enthält, incluso)
Purlin clips for threaded rod
Part no.
ABB order code
Quantity (pieces)
Page
AV155-AM6T
7TCA084030R0750
25
3/7
AV155-AM10T
7TCA084030R0742
25
3/7
Girder clamps for threaded rod
Part no.
ABB order code
Quantity (pieces)
Page
PPFH65
7TCA084030R1720
25
2/2
Ø
AV155-AM127
T
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com